Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD3015-XX Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LSD3015-XX
Description  SINGLE DIGIT LED DISPLAY (0.3 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD3015-XX Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD3015-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD3015-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD3015-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD3015-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD3015-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD3015-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD3015-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD3015-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ψ0.9
ψ0.45
TYP
7.5
(0.295")
5.0
±0.5
5.4
(0.21")
10.0
(0.39")
19.0
(0.75")
PIN
NO.1
A
B
C
D
E
F
G
R.DP
2.54*4=
10.16(0.4")
7.62
(0.3")
1/7
Page
LSD3015-XX
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.
Package Dimensions
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.


Numéro de pièce similaire - LSD3015-XX

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD3012P-XX-PF LIGITEK-LSD3012P-XX-PF Datasheet
137Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3014-XX LIGITEK-LSD3014-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
More results

Description similaire - LSD3015-XX

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD3012P-XX-PF LIGITEK-LSD3012P-XX-PF Datasheet
137Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-P7-PF LIGITEK-LSD3922-XX-P7-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-PF LIGITEK-LSD3922-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025-XX-PF LIGITEK-LSD3025-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3014-XX LIGITEK-LSD3014-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3021-XX LIGITEK-LSD3021-XX Datasheet
119Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3222-XX-PF LIGITEK-LSD3222-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
logo
PARA LIGHT ELECTRONICS ...
C-311SR-PSN-A PARALIGHT-C-311SR-PSN-A Datasheet
193Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSD-322A9 CHINASEMI-CSD-322A9 Datasheet
175Kb / 5P
   0.3 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-301GB PARALIGHT-A-301GB Datasheet
150Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com