Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD1805-61-XX Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LSD1805-61-XX
Description  SINGLE DIGIT LED DISPLAY (1.8 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD1805-61-XX Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD1805-61-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD1805-61-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD1805-61-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD1805-61-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD1805-61-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD1805-61-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD1805-61-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD1805-61-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1/7
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.
Package Dimensions
LSD1805/61-XX
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
2.54X4=10.16(0.4")
PIN NO.1
ψ0.6
TYP
ψ4.5
LSD1805/61-XX
LIGITEK
48.26
(1.9")
7.3
±0.5
10.8
(0.425")
44.8
(1.764")
55.8
(2.197")
37.8
(1.488")


Numéro de pièce similaire - LSD1805-61-XX

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD1805-62-XX LIGITEK-LSD1805-62-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-63-XX-PF LIGITEK-LSD1805-63-XX-PF Datasheet
147Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-64-XX LIGITEK-LSD1805-64-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-64V-XX LIGITEK-LSD1805-64V-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX LIGITEK-LSD1805-65-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
More results

Description similaire - LSD1805-61-XX

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD1805-62-XX LIGITEK-LSD1805-62-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-64-XX LIGITEK-LSD1805-64-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-66-XX LIGITEK-LSD1805-66-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX-PF LIGITEK-LSD1805-65-XX-PF Datasheet
149Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-67-XX LIGITEK-LSD1805-67-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-63-XX-PF LIGITEK-LSD1805-63-XX-PF Datasheet
147Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX LIGITEK-LSD1805-65-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-64V-XX LIGITEK-LSD1805-64V-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
logo
PARA LIGHT ELECTRONICS ...
C-1801G PARALIGHT-C-1801G Datasheet
196Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801G PARALIGHT-A-1801G Datasheet
259Kb / 12P
   1.8 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com