Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD1005-65-XX-PF Fiches technique(PDF) 5 Page - LIGITEK electronics co., ltd.

No de pièce LSD1005-65-XX-PF
Description  SINGLE DIGIT LED DISPLAY (1.0 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD1005-65-XX-PF Fiches technique(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD1005-65-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD1005-65-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD1005-65-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD1005-65-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD1005-65-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD1005-65-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD1005-65-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD1005-65-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD1005-65-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
μA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
mW
Page
LSD10055-XX-PF
LSD10065-XX-PF
PART NO
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
λP
(nm)
common
cathode
or anode
Emitted
GaAlAs
Red
Material
Common
Cathode
Common
Anode
660
CHIP
△λ
(nm)
Vf(v)
Iv(mcd)
3.4
Typ.
20
3.0
Min.
10.5
4.8
18.0
Min.
Max.
Typ.
Electrical
Reverse Current Per Any Chip
Operating Temperature
Storage Temperature
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Forward Current Per Chip
Absolute Maximum Ratings at Ta=25
Parameter
IF
30
Tstg
Topr
PD
Ir
IFP
-25 ~ +85
-25 ~ +85
10
100
100
Symbol
Ratings
SR
IV-M
2:1
4/8
LSD1005/65-XX-PF
PART NO.


Numéro de pièce similaire - LSD1005-65-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD1005-62U-XX-PF LIGITEK-LSD1005-62U-XX-PF Datasheet
115Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-66-XX-PF LIGITEK-LSD1005-66-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-6A-XX-PF LIGITEK-LSD1005-6A-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-6D-XX-PF LIGITEK-LSD1005-6D-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
More results

Description similaire - LSD1005-65-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD1005-6A-XX-PF LIGITEK-LSD1005-6A-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-6D-XX-PF LIGITEK-LSD1005-6D-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-65-XX LIGITEK-LSD1015-65-XX Datasheet
94Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66-XX-PF LIGITEK-LSD1015-66-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1055-64S-XX-PF LIGITEK-LSD1055-64S-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66F-XX-PF LIGITEK-LSD1015-66F-XX-PF Datasheet
160Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-64-XX LIGITEK-LSD1015-64-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-62U-XX-PF LIGITEK-LSD1005-62U-XX-PF Datasheet
115Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-66-XX-PF LIGITEK-LSD1005-66-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-61-XX LIGITEK-LSD1015-61-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com