Moteur de recherche de fiches techniques de composants électroniques |
|
BD-2412D6 Fiches technique(PDF) 1 Page - Bothhand USA, LP. |
|
BD-2412D6 Fiches technique(HTML) 1 Page - Bothhand USA, LP. |
1 / 5 page BD Series 2 to 6 Watt Isolated DC-DC Converter Single / Dual Output BOTHHAND USA. http://www.bothhand.com 1. Features : ! Wide 2:1 Input Range ! Low Ripple and Noise ! Input / Output Isolation 1.5K Vdc or 3.5K Vdc ! 100 % Burn-In ! Input π- Filter ! Custom Design Available 2. Absolute maximum ratings: : : : ( Exceeding these values may damage the module. These are not continuous operating ratings ) Parameter Condition Min. Typ. Max. Unit 12V Input Model -0.7 12 22.5 24V Input Model -0.7 24 45 Input Absolute Voltage Range 48V Input Model -0.7 48 90 Vdc Output Short circuit duration Nominal Input Range Indefinite & Auto-Restart Reverse Polarity Input current Limit --- --- --- 1 A Operating temperature Output Full Load -25 --- +71 Storage temperature -55 --- +105 ℃ 3. Nominal Input / Output Electrical Specifications : ( Specifications typical at Ta = +25℃, nominal input voltage, rated output current unless otherwise noted ) Parameter Condition Min. Typ. Max. Unit 12V Input Model 9 12 18 24V Input Model 18 24 36 Input Voltage Range 48V Input Model 36 48 75 Vdc Line Regulation Output full Load --- --- ± 0.5 Single Output Model --- --- ± 0.5 Load Regulation Dual Output Model ± 2 Output Voltage Accuracy Nominal Input --- ± 1.0 ± 2.0 Output Voltage Balance Dual Output at same Load --- --- ± 1.0 % Switching Frequency --- 250 --- KHz Temperature Coefficient Nominal Input --- ± 0.01 ± 0.02 % / ℃ Standard Series 1500 --- --- Isolation Voltage High Isolation Series 3500 --- --- Vdc Isolation Resistance 500 Vdc 1000 --- --- MΩ Isolation Capacitance 1 KHz / 250 mV rms --- 350 --- pF |
Numéro de pièce similaire - BD-2412D6 |
|
Description similaire - BD-2412D6 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |