Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD375-61-XX-PF Fiches technique(PDF) 6 Page - LIGITEK electronics co., ltd.

No de pièce LSD375-61-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.39Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD375-61-XX-PF Fiches technique(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSD375-61-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD375-61-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD375-61-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD375-61-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD375-61-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD375-61-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD375-61-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD375-61-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD375-61-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5/8
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
If=20mA
Test Condition
If=20mA
If=20mA
If=10mA
volt
Vf
Unit
nm
μA
nm
λP
Iv
mcd
Reverse Current Any Chip
Spectral Line Half-Width
Forward Voltage Per Chip
Peak Wavelength
Luminous Intensity Per Chip
Parameter
Test Condition For Each Parameter
Symbol
△λ
Luminous Intensity Matching Ratio
IV-M
Ir
Vr=5V
PART NO. LSD375/61-XX-PF


Numéro de pièce similaire - LSD375-61-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD375-65F-XX-PF LIGITEK-LSD375-65F-XX-PF Datasheet
172Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39 Inch)
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results

Description similaire - LSD375-61-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-66F-XX-PF LIGITEK-LSD355-66F-XX-PF Datasheet
161Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62V-XX LIGITEK-LSD355-62V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-P19-PF LIGITEK-LSD355-6SBKS-XX-P19-PF Datasheet
133Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBK-XX-PF LIGITEK-LSD355-6SBK-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62P-XX LIGITEK-LSD355-62P-XX Datasheet
119Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-65-XX-PF LIGITEK-LSD355-65-XX-PF Datasheet
142Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com