Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD335-63HS-XX-S1-PF Fiches technique(PDF) 6 Page - LIGITEK electronics co., ltd.

No de pièce LSD335-63HS-XX-S1-PF
Description  SINGLE DIGIT LED DISPLAY (0.315 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD335-63HS-XX-S1-PF Fiches technique(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSD335-63HS-XX-S1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD335-63HS-XX-S1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
5/8
Test Condition For Each Parameter
Luminous Intensity Matching Ratio
Reverse Current Any Chip
Spectral Line Half-Width
Forward Voltage Per Chip
Dominant Wavelength
Luminous Intensity Per Chip
Parameter
PART NO.
Ir
Vr=5V
IV-M
λD
△λ
Symbol
Vf
Iv
nm
μA
nm
volt
Unit
mcd
If=20mA
Test Condition
If=20mA
If=20mA
If=20mA
Page
LSD335/63HS-XX/S1-PF


Numéro de pièce similaire - LSD335-63HS-XX-S1-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD335-63-XX LIGITEK-LSD335-63-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-63-XX-RP4 LIGITEK-LSD335-63-XX-RP4 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results

Description similaire - LSD335-63HS-XX-S1-PF

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
MTN2132-12A MARKTECH-MTN2132-12A Datasheet
36Kb / 1P
   Marktech 0.315 Single Digit
logo
LIGITEK electronics co....
LSD3C5-64-XX-KP38-PF LIGITEK-LSD3C5-64-XX-KP38-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD2325-65-XX LIGITEK-LSD2325-65-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD2325-65-XX-PF LIGITEK-LSD2325-65-XX-PF Datasheet
133Kb / 9P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
LSD3015-XX LIGITEK-LSD3015-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025-6SR9UG-XX-G-PF LIGITEK-LSD3025-6SR9UG-XX-G-PF Datasheet
168Kb / 10P
   SINGLE DIGIT LED DISPLAY (3.0 Inch)
LSD4015-62-XX LIGITEK-LSD4015-62-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD3C5-65-R1-XX-RP4-PF LIGITEK-LSD3C5-65-R1-XX-RP4-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD335-66-XX-RP38-PF LIGITEK-LSD335-66-XX-RP38-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD401-21-XX LIGITEK-LSD401-21-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com