Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD215-62U-XX-PF Fiches technique(PDF) 6 Page - LIGITEK electronics co., ltd.

No de pièce LSD215-62U-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.28 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD215-62U-XX-PF Fiches technique(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSD215-62U-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD215-62U-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD215-62U-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD215-62U-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD215-62U-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD215-62U-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD215-62U-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD215-62U-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD215-62U-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PART NO. LSD215/62U-XX-PF
5/8
Page
Unit
volt
nm
nm
mcd
If=20mA
If=10mA
If=20mA
If=20mA
Test Condition
Test Condition For Each Parameter
Symbol
Vf
λD
△λ
Iv
Spectral Line Half-Width
Dominant Wavelength
Parameter
Luminous Intensity Per Chip
Forward Voltage Per Chip
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
μA
Vr=5V
Ir
IV-M
Reverse Current Any Chip
Luminous Intensity Matching Ratio


Numéro de pièce similaire - LSD215-62U-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD215-61-XX-HF LIGITEK-LSD215-61-XX-HF Datasheet
119Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-PF LIGITEK-LSD215-61-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-63HS-XX-PF LIGITEK-LSD215-63HS-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65-XX-PF LIGITEK-LSD215-65-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65F-XX-PF LIGITEK-LSD215-65F-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
More results

Description similaire - LSD215-62U-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD215-65-XX-PF LIGITEK-LSD215-65-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-HF LIGITEK-LSD215-61-XX-HF Datasheet
119Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD235-62-XX LIGITEK-LSD235-62-XX Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-PF LIGITEK-LSD215-61-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-63HS-XX-PF LIGITEK-LSD215-63HS-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65F-XX-PF LIGITEK-LSD215-65F-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com