Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSBK9033-TR3 Fiches technique(PDF) 4 Page - LIGITEK electronics co., ltd.

No de pièce LSBK9033-TR3
Description  SURFACE MOUNT TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBK9033-TR3 Fiches technique(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSBK9033-TR3 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBK9033-TR3 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBK9033-TR3 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBK9033-TR3 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBK9033-TR3 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBK9033-TR3 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBK9033-TR3 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSBK9033-TR3 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PART NO. LSBK9033/TR3
3/7
Page
UNIT
mA
mA
mW
μA
SBK
Ratings
Symbol
30
100
120
50
IF
IFP
PD
Ir
Parameter
Reverse Current @5V
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Forward Current
Absolute Maximum Ratings at Ta=25
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Viewing
angle
2
θ 1/2
(deg)
220
20
Typ.
-20 ~ +80
-30 ~ +100
Topr
Tsol
Tstg
Soldering Temperature
Storage Temperature
Operating Temperature
Typical Electrical & Optical Characteristics (Ta=25
)
Spectral
halfwidth
△λnm
Forward
voltage
@20 mA(V)
4.2
26
3.5
Max.
Typ.
Peak
wave
length
λPnm
470
468
Lens
Dominant
wave
length
λDnm
MATERIAL
Blue
InGaN/SiC
Emitted
PART NO
LSBK9033/TR3
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Water Clear
COLOR
Max 260
for 5 sec Max
(2mm from body)
120
Min.
Luminous
intensity
@20mA(mcd)
500
Electrostatic Discharge
ESD
V


Numéro de pièce similaire - LSBK9033-TR3

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSBK9033-TR1 LIGITEK-LSBK9033-TR1 Datasheet
96Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSBK9033-TR2 LIGITEK-LSBK9033-TR2 Datasheet
96Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results

Description similaire - LSBK9033-TR3

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSBI9033-TR1A LIGITEK-LSBI9033-TR1A Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-HH-T-TR3-09 LIGITEK-LUG9033-HH-T-TR3-09 Datasheet
244Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-TR1 LIGITEK-LUG9033-TR1 Datasheet
98Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LY9S53-TR1 LIGITEK-LY9S53-TR1 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSR9033-TR2 LIGITEK-LSR9033-TR2 Datasheet
99Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9033-TR2 LIGITEK-LHRF9033-TR2 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9553-T-TR1 LIGITEK-LHRF9553-T-TR1 Datasheet
145Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR1 LIGITEK-LSEF9033-TR1 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR2 LIGITEK-LSEF9033-TR2 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LH9353-TR1 LIGITEK-LH9353-TR1 Datasheet
133Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUY9033-TR3 LIGITEK-LUY9033-TR3 Datasheet
100Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com