Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BA-0505D01 Datasheet(Fiches technique) 2 Page - Bothhand USA, LP.

Numéro de pièce BA-0505D01
Description  0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0505D01 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BA-0505D01 Datenblatt HTML 1Page - Bothhand USA, LP. BA-0505D01 Datasheet HTML 2Page - Bothhand USA, LP. BA-0505D01 Datenblatt HTML 3Page - Bothhand USA, LP. BA-0505D01 Datenblatt HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BA - DIL Series
0.5 to 1 Watt Isolated DC-DC Converter
Single / Dual / Dual Separate Output
BOTHHAND USA. http://www.bothhand.com
4. Single Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
0.5 W Single Output Series:
BA-053R3D
3.3
150
28
133
60
± 12
74
BA-0505D
5.0
100
28
135
60
± 10
74
BA-0512D
5
12.0
42
28
133
100
± 8
76
BA-1205D
5.0
100
18
56
60
± 8
74
BA-1212D
12
12.0
42
18
55
100
± 8
76
BA-2405D
24
5.0
100
5
29
60
± 8
72
1.0 W Single Output Series:
BA-053R3D1
3.3
300
30
267
60
± 10
74
BA-0505D1
5.0
200
30
253
60
± 8
79
BA-0512D1
5
12.0
100
30
307
100
± 8
78
BA-1205D1
5.0
200
18
105
60
± 8
79
BA-1212D1
12
12.0
83
18
105
100
± 8
79
BA-2405D1
24
5.0
200
5
54
60
± 8
77
BA-xxxxD1
Notes:
1.
Standard output voltage is 3.3V, 5V, 9V, 12V, 15V,
BA-xxxxD1 is for Customer Design.
2.
Load regulation is for Each output current change from 20 % to 100 % Max. Load.
Mechanical
Dimension
Dimension
Dimension
Dimension:
Pin
1K Vdc - Single
Pin
1
-Vin
---
8
2
Vo (-)
7
3
---
---
6
4
+Vin
Vo (+)
5
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn