Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BA-0512DD1 Datasheet(Fiches technique) 4 Page - Bothhand USA, LP.

Numéro de pièce BA-0512DD1
Description  0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0512DD1 Datasheet(HTML) 4 Page - Bothhand USA, LP.

  BA-0512DD1 Datenblatt HTML 1Page - Bothhand USA, LP. BA-0512DD1 Datenblatt HTML 2Page - Bothhand USA, LP. BA-0512DD1 Datenblatt HTML 3Page - Bothhand USA, LP. BA-0512DD1 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BA - DIL Series
0.5 to 1 Watt Isolated DC-DC Converter
Single / Dual / Dual Separate Output
BOTHHAND USA. http://www.bothhand.com
5.2. 1K Vdc Isolation – 1.0 W Dual Separate Output
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
BA-0505D01
5.0
5.0
100
100
30
263
70
± 10
76
BA-0515D01
5
15.0
15.0
35
35
30
262
120
± 8
80
BA-1205D01
5.0
5.0
100
100
18
104
70
± 8
80
BA-1212D01
12.0
12.0
42
42
18
106
100
± 8
80
BA-1215D01
12
15.0
15.0
34
34
18
106
120
± 8
80
BA-2405D01
24
5.0
5.0
100
100
5
55
70
± 8
76
BA-xxxxD01
Notes:
1.
BA-xxxxD01 is for Customer Design.
2.
Load regulation is for Each output current change from 20 % to 100 % Max. Load.
Mechanical
Dimension
Dimension
Dimension
Dimension:
Pin
1K Vdc - Dual Separate
Pin
1
-Vin
Vo2 (-)
8
2
Vo2 (+)
7
3
---
Vo1 (-)
6
4
+Vin
Vo1 (+)
5
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn