Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BA-0512D Datasheet(Fiches technique) 3 Page - Bothhand USA, LP.

Numéro de pièce BA-0512D
Description  0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-0512D Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BA-0512D Datenblatt HTML 1Page - Bothhand USA, LP. BA-0512D Datenblatt HTML 2Page - Bothhand USA, LP. BA-0512D Datasheet HTML 3Page - Bothhand USA, LP. BA-0512D Datenblatt HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BA - DIL Series
0.5 to 1 Watt Isolated DC-DC Converter
Single / Dual / Dual Separate Output
BOTHHAND USA. http://www.bothhand.com
5. Dual Output Selection Guide:
5.1. 1K Vdc Isolation – 1.0 W Dual Output
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
BA-0505DD1
± 5.0
± 100
30
263
70
± 10
76
BA-0512DD1
± 12.0
± 42
30
253
100
± 8
79
BA-0515DD1
5
± 15.0
± 34
30
255
120
± 8
80
BA-1205DD1
± 5.0
± 100
18
104
70
± 8
80
BA-1212DD1
12
± 12.0
± 42
18
104
100
± 8
80
BA-2405DD1
± 5.0
± 100
5
55
70
± 8
76
BA-2412DD1
± 12.0
± 42
4
55
100
± 8
76
BA-2415DD1
24
± 15.0
± 34
4
55
120
± 8
76
BA-xxxxDD1
Notes:
1.
Standard output voltage is ±5V, ±9V, ±12V, ±15V,
BA-xxxxDD1 is for Customer Design.
2.
Load regulation is for Each output current change from 20 % to 100 % Max. Load.
Mechanical
Dimension
Dimension
Dimension
Dimension:
Pin
1K Vdc - Dual
Pin
1
-Vin
Vo (-)
8
2
Common
7
3
---
---
6
4
+Vin
Vo (+)
5
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn