Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC-0512D3 Fiches technique(PDF) 2 Page - Bothhand USA, LP.

No de pièce BC-0512D3
Description  1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-0512D3 Fiches technique(HTML) 2 Page - Bothhand USA, LP.

  BC-0512D3 Datasheet HTML 1Page - Bothhand USA, LP. BC-0512D3 Datasheet HTML 2Page - Bothhand USA, LP. BC-0512D3 Datasheet HTML 3Page - Bothhand USA, LP. BC-0512D3 Datasheet HTML 4Page - Bothhand USA, LP. BC-0512D3 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bothhand USA
www.bothhand.com sales@bothhandusa.com
BC Series 1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Page
4. Single Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
1.5 W Single output Series:
BC-053R6S1
3.6
400
28
443
60
± 0.5
65
BC-0505S1
5
5.0
300
25
454
60
± 0.5
66
BC-1205S1
5.0
300
16
184
60
± 0.5
68
BC-1212S1
12
12.0
125
16
181
100
± 0.5
69
BC-2405S1
5.0
300
5
96
60
± 0.5
65
BC-247R2S1
7.2
200
5
91
70
± 0.5
66
BC-2415S1
24
15.0
100
4
91
120
± 0.5
69
2.0 W Single output Series:
BC-0505S2
5.0
400
45
615
70
± 0.5
65
BC-0509S2
5
9.0
200
43
545
90
± 0.5
66
BC-1205S2
5.0
400
18
252
70
± 0.5
66
BC-1209S2
9.0
200
18
220
90
± 0.5
68
BC-1212S2
12
12.0
167
18
245
100
± 0.5
68
BC-2405S2
5.0
400
5
128
70
± 0.5
65
BC-2412S2
24
12.0
167
5
121
100
± 0.5
69
3.0 W Single output Series:
BC-0505S3
5.0
600
50
938
70
± 0.5
64
BC-0512S3
5
12.0
250
45
910
100
± 0.5
66
BC-1205S3
5.0
600
20
378
70
± 0.5
66
BC-1209S3
9.0
333
20
362
90
± 0.5
69
BC-1212S3
12
12.0
250
20
362
100
± 0.5
69
BC-2405S3
5.0
600
6
192
70
± 0.5
65
BC-2412S3
24
12.0
250
6
181
100
± 0.5
66
BC-xxxxSx
Notes:
1.
Standard output voltage is 3.3V, 5V, 9V, 12V, 15V, BC-xxxxSx is for Customer Design.
2.
Load regulation is for output current change from 0 % to 100 % Max. Load.
3.
Suffix “H” for 3K Vdc Isolation….. ( BC-xxxxSxH )
4.
Suffix “M” for Metal case …….….. ( BC-xxxxSxHM )
2


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn