Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC-0505D3 Fiches technique(PDF) 5 Page - Bothhand USA, LP.

No de pièce BC-0505D3
Description  1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-0505D3 Fiches technique(HTML) 5 Page - Bothhand USA, LP.

  BC-0505D3 Datasheet HTML 1Page - Bothhand USA, LP. BC-0505D3 Datasheet HTML 2Page - Bothhand USA, LP. BC-0505D3 Datasheet HTML 3Page - Bothhand USA, LP. BC-0505D3 Datasheet HTML 4Page - Bothhand USA, LP. BC-0505D3 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Bothhand USA
www.bothhand.com sales@bothhandusa.com
BC Series 1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Page 5
Mechanical Dimension ( Dual O/P )
(1). Plastic Case:
(2). Nickel Coated Metal Case:
Pin
Dual Output
Pin
1
---
---
24
2
+Vin
-Vin
23
3
22
4
21
5
20
6
19
7
18
8
17
9
---
---
16
10
Vo (+)
15
11
Common
---
14
12
---
Vo (-)
13
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Numéro de pièce similaire - BC-0505D3

FabricantNo de pièceFiches techniqueDescription
Bothhand USA, LP.
Bothhand USA, LP.
BC-0505D3 BOTHHAND-BC-0505D3 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
BC-0505D3(H)LF BOTHHAND-BC-0505D3(H)LF Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
More results

Description similaire - BC-0505D3

FabricantNo de pièceFiches techniqueDescription
Bothhand USA, LP.
Bothhand USA, LP.
BC-053R6S1 BOTHHAND-BC-053R6S1_1 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B5-053R6S1 BOTHHAND-B5-053R6S1 Datasheet
860Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
B4-0503DS BOTHHAND-B4-0503DS Datasheet
218Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
Power Systems GmbH+Co.KG
Power Systems GmbH+Co.K...
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MORNSUN Science& Technology Ltd.
MORNSUN Science& Techno...
URA2405LD-20WR2 MORNSUN-URA2405LD-20WR2 Datasheet
1Mb / 10P
   REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
PEAK electronics GmbH
PEAK electronics GmbH
P8SG-053R6ZH30 PEAK-P8SG-053R6ZH30 Datasheet
200Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30M PEAK-P8SG-053R6ZH30M Datasheet
213Kb / 3P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-0505EH30 PEAK-P8SG-0505EH30 Datasheet
197Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P8SG-0505EH30M PEAK-P8SG-0505EH30M Datasheet
210Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
More results


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz