Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC-0505D3 Fiches technique(PDF) 4 Page - Bothhand USA, LP.

No de pièce BC-0505D3
Description  1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-0505D3 Fiches technique(HTML) 4 Page - Bothhand USA, LP.

  BC-0505D3 Datasheet HTML 1Page - Bothhand USA, LP. BC-0505D3 Datasheet HTML 2Page - Bothhand USA, LP. BC-0505D3 Datasheet HTML 3Page - Bothhand USA, LP. BC-0505D3 Datasheet HTML 4Page - Bothhand USA, LP. BC-0505D3 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bothhand USA
www.bothhand.com sales@bothhandusa.com
BC Series 1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Page
5. Dual Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
1.5 W Dual output Series:
BC-053R6D1
± 3.6
± 200
28
443
70
± 2
65
BC-0505D1
5
± 5.0
± 150
25
454
70
± 2
66
BC-1205D1
± 5.0
± 150
16
184
70
± 2
68
BC-1212D1
12
± 12.0
± 63
16
181
100
± 2
69
BC-2405D1
± 5.0
± 150
5
96
70
± 2
65
BC-247R2D1
± 7.2
± 100
5
91
75
± 2
66
BC-2415D1
24
± 15.0
± 50
4
91
120
± 2
69
2.0 W Dual output Series:
BC-0505D2
± 5.0
± 200
45
615
70
± 2
65
BC-0512D2
5
± 12.0
± 83
43
606
100
± 2
66
BC-1205D2
12
± 5.0
± 200
18
252
70
± 2
66
BC-2405D2
± 5.0
± 200
5
128
70
± 2
65
BC-2412D2
24
± 12.0
± 83
5
121
100
± 2
69
3.0 W Dual output Series:
BC-0505D3
± 5.0
± 300
50
938
70
± 2
64
BC-0512D3
5
± 12.0
± 125
45
910
100
± 2
66
BC-1205D3
± 5.0
± 300
20
378
70
± 2
66
BC-1212D3
12
± 12.0
± 125
20
362
100
± 2
69
BC-2405D3
± 5.0
± 300
6
192
70
± 2
65
BC-2412D3
± 12.0
± 125
6
181
100
± 2
69
BC-2415D3
24
± 15.0
± 100
6
181
120
± 2
69
BC-xxxxDx
Notes:
1. Standard output voltage is ±5V, ±12V, ±15V, BC-xxxxDx is for Customer Design.
2. Load regulation is for Each output current change from 20 % to 100 % Max. Load.
3. Suffix “H” for 3K Vdc Isolation……… ( BC-xxxxDxH )
4. Suffix “M” for Metal case ……….…… ( BC-xxxxDxHM )
4


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn