Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC-1205D2 Datasheet(Fiches technique) 5 Page - Bothhand USA, LP.

Numéro de pièce BC-1205D2
Description  1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-1205D2 Datasheet(HTML) 5 Page - Bothhand USA, LP.

  BC-1205D2 Datenblatt HTML 1Page - Bothhand USA, LP. BC-1205D2 Datenblatt HTML 2Page - Bothhand USA, LP. BC-1205D2 Datenblatt HTML 3Page - Bothhand USA, LP. BC-1205D2 Datenblatt HTML 4Page - Bothhand USA, LP. BC-1205D2 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Bothhand USA
www.bothhand.com sales@bothhandusa.com
BC Series 1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Page 5
Mechanical Dimension ( Dual O/P )
(1). Plastic Case:
(2). Nickel Coated Metal Case:
Pin
Dual Output
Pin
1
---
---
24
2
+Vin
-Vin
23
3
22
4
21
5
20
6
19
7
18
8
17
9
---
---
16
10
Vo (+)
15
11
Common
---
14
12
---
Vo (-)
13
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn