Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC-0505S2 Datasheet(Fiches technique) 4 Page - Bothhand USA, LP.

Numéro de pièce BC-0505S2
Description  1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-0505S2 Datasheet(HTML) 4 Page - Bothhand USA, LP.

  BC-0505S2 Datenblatt HTML 1Page - Bothhand USA, LP. BC-0505S2 Datenblatt HTML 2Page - Bothhand USA, LP. BC-0505S2 Datenblatt HTML 3Page - Bothhand USA, LP. BC-0505S2 Datasheet HTML 4Page - Bothhand USA, LP. BC-0505S2 Datenblatt HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bothhand USA
www.bothhand.com sales@bothhandusa.com
BC Series 1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Page
5. Dual Output Selection Guide?
( Specifications typical at Ta = +25 ?, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
1.5 W Dual output Series?
BC-053R6D1
3.6
200
28
443
70
2
65
BC-0505D1
5
5.0
150
25
454
70
2
66
BC-1205D1
5.0
150
16
184
70
2
68
BC-1212D1
12
12.0
63
16
181
100
2
69
BC-2405D1
5.0
150
5
96
70
2
65
BC-247R2D1
7.2
100
5
91
75
2
66
BC-2415D1
24
15.0
50
4
91
120
2
69
2.0 W Dual output Series?
BC-0505D2
5.0
200
45
615
70
2
65
BC-0512D2
5
12.0
83
43
606
100
2
66
BC-1205D2
12
5.0
200
18
252
70
2
66
BC-2405D2
5.0
200
5
128
70
2
65
BC-2412D2
24
12.0
83
5
121
100
2
69
3.0 W Dual output Series?
BC-0505D3
5.0
300
50
938
70
2
64
BC-0512D3
5
12.0
125
45
910
100
2
66
BC-1205D3
5.0
300
20
378
70
2
66
BC-1212D3
12
12.0
125
20
362
100
2
69
BC-2405D3
5.0
300
6
192
70
2
65
BC-2412D3
12.0
125
6
181
100
2
69
BC-2415D3
24
15.0
100
6
181
120
2
69
BC-xxxxDx
Notes?
1. Standard output voltage is 5V, 12V, 15V, BC-xxxxDx is for Customer Design.
2. Load regulation is for Each output current change from 20 % to 100 % Max. Load.
3. Suffix ?H? for 3K Vdc Isolation??? ( BC-xxxxDxH )
4. Suffix ?M? for Metal case ???.?? ( BC-xxxxDxHM )
4


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn