Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KF-0699C-20 Fiches technique(PDF) 1 Page - JMK Inc.

No de pièce KF-0699C-20
Description  Operating Voltage = 250/480 Vac 3 PH Delta Operating Current Max= 20 amps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMK [JMK Inc.]
Site Internet  http://www.jmkfilters.com
Logo JMK - JMK Inc.

KF-0699C-20 Fiches technique(HTML) 1 Page - JMK Inc.

  KF-0699C-20 Datasheet HTML 1Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KF-0699C-20
USA
JMK Inc 15 Caldwell Dr.
Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Inc
Glasgow G13 1DN Scotland UK
PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884
Operating Voltage = 250/480 Vac 3 PH Delta
Operating Current Max= 20 amps
Operating Frequency = 50 - 60Hz
Operating Temperature = -20 to +50oC
Diel Withstand ( L to Case)= 1500V~for 1 Min.
Diel Withstand ( L to L )= 1500Vdc for 1 Min.
Leakage current @ 250V~60Hz= 4.0 mA at 250Vac, 50Hz
Max Residual Voltage after 5 secs = 34 Volts Max
Agency Approvals = UL
The KF-699C-20 filter is a three phase filter designed
to operate with computers, motors, power distribution
systems or any sy stem using three phase power. This
filter is designed to be used on 3 phase wye power sys-
tems but can be used in a delta configuration by not
connecting to the neutral (N) terminal of the filter. The
ground coil is designed to eliminate ground loops
caused by inter-system connections.
The filter can also be purchased without the ground
coil for use with stand alone systems.


Numéro de pièce similaire - KF-0699C-20

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
KF-24F MINI-KF-24F Datasheet
183Kb / 2P
   Ultra-wideband, DC-40 GHz
KF-24M MINI-KF-24M Datasheet
185Kb / 2P
   Ultra-wideband, DC-40 GHz
logo
Sanyo Semicon Device
KF-A900 SANYO-KF-A900 Datasheet
326Kb / 1P
   Specifications
logo
Pepperl+Fuchs Inc.
KF-CP PF-KF-CP Datasheet
345Kb / 1P
   Coding Pins
KF-CTT-3GN2BU PF-KF-CTT-3GN2BU Datasheet
374Kb / 2P
   Terminal Block with Test Plug Socket
More results

Description similaire - KF-0699C-20

FabricantNo de pièceFiches techniqueDescription
logo
JMK Inc.
KK-0902-20-30 JMK-KK-0902-20-30 Datasheet
43Kb / 1P
   Operating Voltage = 250/480 Vac 3 PH Wye Operating Current Max= 20 & 30 amps
FF-1153-12.5 JMK-FF-1153-12.5 Datasheet
117Kb / 1P
   Operating Voltage = 250/480 Vac Operating Current Max= 12.5 amps
1041 JMK-1041 Datasheet
72Kb / 1P
   Operating Voltage = 250/480 Vac Operating Current Max= 80 & 100 amps
0815 JMK-0815 Datasheet
54Kb / 1P
   Operating V oltage = 250/480 V ac 3 PH Delta Operating Current Max= 1 2 & 1 8 amps
1174 JMK-1174 Datasheet
52Kb / 1P
   Operating Voltage = 115/250 Vac Operating Current Max= 10 amps
KK-0332-30 JMK-KK-0332-30 Datasheet
64Kb / 1P
   Operating Voltage= 250/440 Vac Operating Current Max= 30 amp/Ph
FF-1069A-3B JMK-FF-1069A-3B Datasheet
35Kb / 1P
   Operating voltage = 125 / 250 Vac Operating current = 3 Amps
1208 JMK-1208 Datasheet
41Kb / 1P
   Operating Voltage= 250 / 480 VAC 3 PH Wye OperatingCurrentMax= 80, 100amp
LL-0221-20 JMK-LL-0221-20 Datasheet
63Kb / 1P
   Operating Voltage = 115/250 V~ Operating Current = 20 Amps
EF7203 JMK-EF7203 Datasheet
263Kb / 1P
   Operating Voltage = 115/250 V Operating Current = 3 Amps
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com