Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD-5070S Datasheet(Fiches technique) 1 Page - Bothhand USA, LP.

Numéro de pièce AD-5070S
Description  ADSL LINE TRANSFORMER
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-5070S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AD-5070S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE TRANSFORMER
P/N: AD-5070S DATA SHEET
BOTHHAND
USA
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Feature
!
For use with Alcatel Microelectronics’ Chipset.
!
Good Total Harmonic Distortion Characteristics.
!
Designed to reflect 100Ω on the PRI with 25Ω load on
SEC.
!
Small footprint.
!
Operating Temperature.: -10℃ to+60℃.
!
Storage Temperature.: -25
to +75
..
Electrical Specifications @ 25°C
OCL
(uH ±5%)
@ 10KHz/0.1V
Leakage Inductance
(uH Max)
@ 300 KHz/0.1V
Longitudinal
Balance (dB Min)
Part
Number
Mounting
Turn Ratio
(±1%)
(1-5):(10-6)
(1-5),(2+4)short
(1-5),(2+4,9+7,10+6)short
(from 20KHz to
1.1MHz)
AD-5070S
SMT
2:1
410
10.0
-50
Additional Specifications
DC Resistance
(Ω Max)
Part
Number
THD (dB Max)
(Linearity-Typical)
1-4
2-5
10-7
9-6
Isolation Voltage
(Vrms)
Insertion Loss(dB Max)
@100 KHz & 1.1MHz
AD-5070S
-78 @ 30KHz
0.75
0.45
1875
-1.0
Schematic
Mechanical


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn