Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD-3063 Datasheet(Fiches technique) 1 Page - Bothhand USA, LP.

Numéro de pièce AD-3063
Description  ADSL MICROFILTER
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-3063 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AD-3063 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL MICROFILTER
P/N: AD-3063 DATA SHEET
BOTHHAND
USA
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Feature
!
For applications where both data and voice are
transmitted over the same copper pair.
!
Compact package, includes RJ-11 connectors for ease of
installation
!
Will pass only voice band signals while attenuating the
higher ADSL data frequency.
!
Operating Temperature: -10℃ to+60.℃
!
Storage Temperature: -25
℃to +75
Electrical Speciofications @ 25
PARAMETER
FREQUENCY
MIN.
NOM.
MAX.
UNITS
200 Hz
±1 .0
1000 Hz
±1 .0
3400 Hz
±1 .0
POT Insertion Loss
900Ωline Side
600ΩPhone Side
4000 Hz
±1 .0
ADSL Insertion Loss
30 KHz
-25
100Ωline Side
100 KHz
-40
600ΩPhone Side
1100KHz
-60
CUTOFF FREQUENCY
7 KHz
3
200 Hz 〜 4KHz
ERL > -6
200 Hz 〜 4KHz
SRL-L > -5
Return Loss
Referenced to ANSI T1.413
ZNL-r, complex impedance
200 Hz 〜 4KHz
SRL-H > -3
1000 Hz
-58
Longitudinal Balance
3000 Hz
-53
dB
Total DC Resistance
25
Ω
Schematic & Mechanical
L
I
N
E
P
H
O
N
E


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn