Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD-3063C Datasheet(Fiches technique) 1 Page - Bothhand USA, LP.

Numéro de pièce AD-3063C
Description  ADSL MICRO FILTER
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-3063C Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AD-3063C Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL MICRO FILTER
P/N: AD-3063C DATA SHEET
BOTHHAND
USA
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Feature
!
Compact package, includes connectors for ease of
installation.
!
Design for G.lite Application.
!
100mA DC Loop Current Capacity.
!
Operating Temperature: -10℃to+60℃
!
Storage Temperature: -25
to +75
..
Electrical Speciofications @ 25
POTS Port Impedance
600Ω
DC Resistance each line
7.5Ω Max
Insertion Loss
@1004Hz
–1dB Max
Return Loss
@ERL
-6dB Min
3dB Cutoff Frequency
10KHz Typ
@SRL-L
-5dB Min
Attenuation
@25KHz
-25dB Min
@SRL-H
-3dB Min
Attenuation
@30KHz
-30dB Min
In Band Ripple
-1dB Max
Longitudinal Balance
@200Hz-3KHz
-53dB Min
POTS Tip and Ring DC Voltage
0-105V
Schematic
Mechanical
L
I
N
E
P
H
O
N
E
Connector Function
Style
Tip
Ring
J1
Line
RJ11 Plug
Pin3
Pin4
J2
Phone
RJ11 Jack
Pin3
Pin4
[


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn