Moteur de recherche de fiches techniques de composants électroniques |
|
TC90A44P Fiches technique(PDF) 4 Page - Toshiba Semiconductor |
|
TC90A44P Fiches technique(HTML) 4 Page - Toshiba Semiconductor |
4 / 11 page TC90A44P,45P/F 2001-01-16 4/11 PIN No. NAME FUNCTION I / O INTERFACE CIRCUIT 8 DVDD Power supply for digital components (+5 V). − − 9 DVSS Ground for digital components. − − 10 CKIN Clock input. After applying capacitor for DC cut, input a color-burst-synchronized fSC clock signal to this pin. I 11 VFIL Connect a VCO filter to this pin. − 12 BIAS3 DAC bias voltage. This defaults internally to approximately 3.4 V, so this pin should normally be conected to ground (AVSS) through a 0.01 µF capacitor. − 13 COUT Chrominance signal output. O 14 BIAS2 DAC bias voltage. This defaults internally to approximately 1.7 V, so this pin should normally be conected to ground (AVSS) through a 0.01 µF capacitor. − 15 YOUT Luminance signal output. O 16 AVDD Power supply for analog components (+5 V) − − |
Numéro de pièce similaire - TC90A44P |
|
Description similaire - TC90A44P |