Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFD435-62-XX-F1 Fiches technique(PDF) 5 Page - LIGITEK electronics co., ltd.

No de pièce LFD435-62-XX-F1
Description  FOUR DIGIT LED DISPLAY (0.39 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD435-62-XX-F1 Fiches technique(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD435-62-XX-F1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD435-62-XX-F1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD435-62-XX-F1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD435-62-XX-F1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD435-62-XX-F1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD435-62-XX-F1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD435-62-XX-F1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD435-62-XX-F1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UNIT
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
μA
mA
mW
mA
Solder Temperature 1-16 Inch Below Seating Plane For 3 Seconds At 260
LFD4362-XX/F1
PART NO
LFD4352-XX/F1
Part Selection And Application Information(Ratings at 25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
λP
(nm)
common
cathode
or anode
Emitted
Green
GaP
Material
CHIP
Common
Anode
Common
Cathode
565
Electrical
Typ.
Vf(v)
2.1
30
1.7
△λ
(nm)
Min.
1.75
2.6
4.0
Min.
Max.
Typ.
Iv(mcd)
Parameter
Absolute Maximum Ratings at Ta=25
Reverse Current Per Any Chip
Storage Temperature
Operating Temperature
Power Dissipation Per Chip
Forward Current Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
PART NO.
Symbol
Topr
Tstg
Ir
IFP
PD
IF
-25 ~ +85
-25 ~ +85
10
100
120
30
G
Ratings
2:1
IV-M
4/7
LFD435/62-XX/F1


Numéro de pièce similaire - LFD435-62-XX-F1

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD435-62-XX-F1-PF LIGITEK-LFD435-62-XX-F1-PF Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results

Description similaire - LFD435-62-XX-F1

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD415-64-XX-T LIGITEK-LFD415-64-XX-T Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-63HS-XX-S4-PF LIGITEK-LFD435-63HS-XX-S4-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-D1-PF LIGITEK-LFD435-69-XX-D1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6A-XX-F2-PF LIGITEK-LFD4K5-6A-XX-F2-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6SBKS-XX-F2 LIGITEK-LFD4K5-6SBKS-XX-F2 Datasheet
108Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F1-PF LIGITEK-LFD4K5-61-XX-F1-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F6-PF LIGITEK-LFD4K5-61-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62V-XX-S7-PF LIGITEK-LFD4K5-62V-XX-S7-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62-XX-F6-PF LIGITEK-LFD4K5-62-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com