Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFD435-6A-XX-RP39-PF Fiches technique(PDF) 9 Page - LIGITEK electronics co., ltd.

No de pièce LFD435-6A-XX-RP39-PF
Description  FOUR DIGIT LED DISPLAY (0.39 Inch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD435-6A-XX-RP39-PF Fiches technique(HTML) 9 Page - LIGITEK electronics co., ltd.

Back Button LFD435-6A-XX-RP39-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD435-6A-XX-RP39-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD435-6A-XX-RP39-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD435-6A-XX-RP39-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD435-6A-XX-RP39-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD435-6A-XX-RP39-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD435-6A-XX-RP39-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD435-6A-XX-RP39-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LFD435-6A-XX-RP39-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Solderability Test
Solder Resistance
Test
Reliability Test:
High Temperature
High Humidity Test
Thermal Shock Test
Low Temperature
Storage Test
High Temperature
Storage Test
Operating Life Test
Test Item
PART NO.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
JIS C 7021: B-12
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
This test intended to see soldering well
performed or not.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hous.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Test Condition
LFD435/6A-XX/RP39-PF
Description
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
Page 8/8


Numéro de pièce similaire - LFD435-6A-XX-RP39-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD435-62-XX-F1 LIGITEK-LFD435-62-XX-F1 Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-F1-PF LIGITEK-LFD435-62-XX-F1-PF Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-RP39 LIGITEK-LFD435-62-XX-RP39 Datasheet
104Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62U-XX-RP32-PF LIGITEK-LFD435-62U-XX-RP32-PF Datasheet
135Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results

Description similaire - LFD435-6A-XX-RP39-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD415-64-XX-T LIGITEK-LFD415-64-XX-T Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-63HS-XX-S4-PF LIGITEK-LFD435-63HS-XX-S4-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-D1-PF LIGITEK-LFD435-69-XX-D1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6A-XX-F2-PF LIGITEK-LFD4K5-6A-XX-F2-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6SBKS-XX-F2 LIGITEK-LFD4K5-6SBKS-XX-F2 Datasheet
108Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F1-PF LIGITEK-LFD4K5-61-XX-F1-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F6-PF LIGITEK-LFD4K5-61-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62V-XX-S7-PF LIGITEK-LFD4K5-62V-XX-S7-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62-XX-F6-PF LIGITEK-LFD4K5-62-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com