Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFD415-64-XX-RP10-PF Fiches technique(PDF) 5 Page - LIGITEK electronics co., ltd.

No de pièce LFD415-64-XX-RP10-PF
Description  FOUR DIGIT LED DISPLAY(0.39Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD415-64-XX-RP10-PF Fiches technique(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD415-64-XX-RP10-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD415-64-XX-RP10-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD415-64-XX-RP10-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD415-64-XX-RP10-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD415-64-XX-RP10-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD415-64-XX-RP10-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD415-64-XX-RP10-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD415-64-XX-RP10-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD415-64-XX-RP10-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Absolute Maximum Ratings at Ta=25
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Part Selection And Application Information(Ratings at 25)
LFD4164-XX/RP10-PF
LFD4154-XX/RP10-PF
PART NO
Orange
Emitted
GaAsP/GaP
Material
CHIP
Common
Cathode
Common
Anode
635
common
cathode
or anode
λP
(nm)
PD
Power Dissipation Per Chip
Reverse Current Per Any Chip
Storage Temperature
Operating Temperature
Tstg
Ir
Topr
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Forward Current Per Chip
PART NO.
Parameter
IFP
Symbol
IF
LFD415/64-XX/RP10-PF
2.6
Max.
Electrical
1.7
45
2.1
Min.
△λ
(nm)
Vf(v)
Typ.
1.75
1.00
2:1
Iv(mcd)
Typ.
Min.
IV-M
mW
100
-25 ~ +85
-25 ~ +85
10
μA
4/8
Ratings
120
E
30
mA
UNIT
mA
Page


Numéro de pièce similaire - LFD415-64-XX-RP10-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD415-64-XX-RP75-PF LIGITEK-LFD415-64-XX-RP75-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results

Description similaire - LFD415-64-XX-RP10-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD4H5-62M-XX-SRP9 LIGITEK-LFD4H5-62M-XX-SRP9 Datasheet
130Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP95 LIGITEK-LFD415-62-XX-SRP95 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-6SBKS-XX-PF LIGITEK-LFD4H5-6SBKS-XX-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP75-PF LIGITEK-LFD415-62-XX-RP75-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP65 LIGITEK-LFD415-62-XX-SRP65 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-PF LIGITEK-LFD415-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-RP75-PF LIGITEK-LFD415-64-XX-RP75-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-65-XX-RP6-PF LIGITEK-LFD415-65-XX-RP6-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com