Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFD265-6A-XX-S1-PF Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LFD265-6A-XX-S1-PF
Description  FOUR DIGIT LED DISPLAY (0.28 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD265-6A-XX-S1-PF Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD265-6A-XX-S1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1/8
Page
L3
L1
L2
DIG.3
DIG.4
PART NO.
DIG.1
30.26(1.191")
DIG.2
Package Dimensions
LFD265/6A-XX/S1-PF
LFD265/6A-XX/S1-PF
BIN GRADING
ORDER DATE
6.1(0.24")
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
A
B
G
DP
D
C
ψ0.8(0.031")
3.5
±0.5
E
ψ0.45
TYP
2.54X7=17.78
(0.7")
CUSTOMER P/N
LAPLING
PIN NO.1
F
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
7.0
(0.28")
10.0
(0.394")
7.62
(0.3")


Numéro de pièce similaire - LFD265-6A-XX-S1-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD265-6A-XX-RP85 LIGITEK-LFD265-6A-XX-RP85 Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-RP85-PF LIGITEK-LFD265-6A-XX-RP85-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results

Description similaire - LFD265-6A-XX-S1-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-24S-XX-PF LIGITEK-LFD211-24S-XX-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-64-XX-PF LIGITEK-LFD265-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-21-XX LIGITEK-LFD211-21-XX Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-RP85-PF LIGITEK-LFD265-6A-XX-RP85-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com