Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFD4B5-61-XX-PF Fiches technique(PDF) 8 Page - LIGITEK electronics co., ltd.

No de pièce LFD4B5-61-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.4 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD4B5-61-XX-PF Fiches technique(HTML) 8 Page - LIGITEK electronics co., ltd.

  LFD4B5-61-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD4B5-61-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD4B5-61-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD4B5-61-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD4B5-61-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD4B5-61-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD4B5-61-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD4B5-61-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD4B5-61-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
60 Seconds Max
25°
0
120°
Temp(
°C)
260°
50
Preheat
2
°/sec
max
100
5
°/sec
max
260
°C3sec Max
150
Time(sec)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 7/8
PART NO. LFD4B5/61-XX-PF


Numéro de pièce similaire - LFD4B5-61-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
LFD40 SYSTEMSENSOR-LFD40 Datasheet
130Kb / 2P
   Low Flow Rate Waterflow Detectors
logo
LIGITEK electronics co....
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP33-PF LIGITEK-LFD415-62-XX-RP33-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP5 LIGITEK-LFD415-62-XX-RP5 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results

Description similaire - LFD4B5-61-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD4E5-62V-XX-PF LIGITEK-LFD4E5-62V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-65-XX-RP3-PF LIGITEK-LFD4D5-65-XX-RP3-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-62-XX-RP9-PF LIGITEK-LFD4C5-62-XX-RP9-PF Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-62-XX-PF LIGITEK-LFD4C5-62-XX-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-64SF-XX LIGITEK-LFD4C5-64SF-XX Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-62-XX-RP3-PF LIGITEK-LFD4D5-62-XX-RP3-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-65-XX-RP32-PF LIGITEK-LFD4D5-65-XX-RP32-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62-XX LIGITEK-LFD4E5-62-XX Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62-XX-SRP128 LIGITEK-LFD4E5-62-XX-SRP128 Datasheet
121Kb / 8P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-65-XX-PF LIGITEK-LFD4E5-65-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD455-65-XX-PF LIGITEK-LFD455-65-XX-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com