Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFD3H5-66-XX-PF Fiches technique(PDF) 9 Page - LIGITEK electronics co., ltd.

No de pièce LFD3H5-66-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.35 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD3H5-66-XX-PF Fiches technique(HTML) 9 Page - LIGITEK electronics co., ltd.

  LFD3H5-66-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD3H5-66-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD3H5-66-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD3H5-66-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD3H5-66-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD3H5-66-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD3H5-66-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD3H5-66-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD3H5-66-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Reliability Test:
Low Temperature
Storage Test
High Temperature
Storage Test
Operating Life Test
Test Item
Solderability Test
Solder Resistance
Test
High Temperature
High Humidity Test
Thermal Shock Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
This test intended to see soldering well
performed or not.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Test Condition
Description
Page 8/8
LFD3H5/66-XX-PF
PART NO.


Numéro de pièce similaire - LFD3H5-66-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD3H5-62V-XX-PF LIGITEK-LFD3H5-62V-XX-PF Datasheet
163Kb / 9P
   FOUR DIGIT LED DISPLAY (0.35 Inch)
LFD3H5-65-XX-PF LIGITEK-LFD3H5-65-XX-PF Datasheet
163Kb / 9P
   FOUR DIGIT LED DISPLAY (0.35 Inch)
More results

Description similaire - LFD3H5-66-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD3H5-62V-XX-PF LIGITEK-LFD3H5-62V-XX-PF Datasheet
163Kb / 9P
   FOUR DIGIT LED DISPLAY (0.35 Inch)
LFD3G5-62V-XX-PF LIGITEK-LFD3G5-62V-XX-PF Datasheet
159Kb / 10P
   FOUR DIGIT LED DISPLAY (0.35 Inch)
LFD3H5-65-XX-PF LIGITEK-LFD3H5-65-XX-PF Datasheet
163Kb / 9P
   FOUR DIGIT LED DISPLAY (0.35 Inch)
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-24S-XX-PF LIGITEK-LFD211-24S-XX-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-64-XX-PF LIGITEK-LFD265-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD415-64-XX-T LIGITEK-LFD415-64-XX-T Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com