Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFD3A5-64-XX Fiches technique(PDF) 6 Page - LIGITEK electronics co., ltd.

No de pièce LFD3A5-64-XX
Description  FOUR DIGIT LED DISPLAY (0.3 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD3A5-64-XX Fiches technique(HTML) 6 Page - LIGITEK electronics co., ltd.

  LFD3A5-64-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD3A5-64-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Test Condition For Each Parameter
Parameter
Forward Voltage Per Chip
Luminous Intensity Per Chip
Luminous Intensity Matching Ratio
Reverse Current Any Chip
Spectral Line Half-Width
PART NO.
Test Condition
Unit
Symbol
IV-M
Ir
μA
Iv
λp
△λ
Vf
mcd
nm
nm
volt
Vr=5V
If=10mA
If=20mA
If=20mA
If=20mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
5/7
Page
LFD3A5/64-XX
Peak Wavelength


Numéro de pièce similaire - LFD3A5-64-XX

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD3A5-64-XX-RP146-PF LIGITEK-LFD3A5-64-XX-RP146-PF Datasheet
175Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-XX-RP75-PF LIGITEK-LFD3A5-64-XX-RP75-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
More results

Description similaire - LFD3A5-64-XX

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD3A5-64-XX-RP146-PF LIGITEK-LFD3A5-64-XX-RP146-PF Datasheet
175Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-63-XX-RP75-PF LIGITEK-LFD3A5-63-XX-RP75-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-R1-XX LIGITEK-LFD3A5-64-R1-XX Datasheet
124Kb / 8P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-62-XX-RP75-PF LIGITEK-LFD3A5-62-XX-RP75-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LFD3A5-64-XX-RP75-PF LIGITEK-LFD3A5-64-XX-RP75-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.3 Inch)
LSD3012P-XX-PF LIGITEK-LSD3012P-XX-PF Datasheet
137Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-P7-PF LIGITEK-LSD3922-XX-P7-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-PF LIGITEK-LSD3922-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3015-XX LIGITEK-LSD3015-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025-XX-PF LIGITEK-LSD3025-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com