Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA8018T4215 Fiches technique(PDF) 2 Page - American Accurate Components, Inc.

No de pièce LA8018T4215
Description  Temperature Compenstated Low Noise Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAC [American Accurate Components, Inc.]
Site Internet  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

LA8018T4215 Fiches technique(HTML) 2 Page - American Accurate Components, Inc.

  LA8018T4215 Datasheet HTML 1Page - American Accurate Components, Inc. LA8018T4215 Datasheet HTML 2Page - American Accurate Components, Inc. LA8018T4215 Datasheet HTML 3Page - American Accurate Components, Inc. LA8018T4215 Datasheet HTML 4Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Temperature Compenstated Low Noise Amplifiers
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
2
American Accurate Components, Inc.
Amplifiers
Coaxial
Temperature Compensated Low Noise Amplifiers 0.5 to 18GHz
Continued
P/N
Freq. Range
Gain
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSWR
Current
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
LA4080T1713
4 - 8
14
21
4.0
13
± 1.5
20
2:1
150
4I,3MH
LA4080T2113
4 - 8
18
24
3.5
13
± 1.5
20
2:1
180
4I,3MH
LA4080T2815
4 - 8
24
31
3.5
15
± 1.8
20
2:1
250
4I,4MH
LA4080T3515
4 - 8
31
39
4.0
15
± 2.0
25
2:1
300
6I,6MH
LA4080T4215
4 - 8
37
46
4.0
15
± 2.0
25
2:1
380
6I,6MH
LA6018T1409
6 - 18
11
17
4.5
9
± 2.0
20
2:1
180
4I,3MH
LA6018T2109
6 - 18
17
24
4.0
9
± 2.0
20
2:1
200
4I,4MH
LA6018T2810
6 - 18
24
31
4.0
10
± 2.0
20
2:1
280
6I,6MH
LA6018T3510
6 - 18
31
39
4.5
10
± 2.0
25
2:1
350
8I,46
LA6018T4210
6 - 18
38
46
4.5
10
± 2.0
25
2:1
380
8I,46
LA6018T4910
6 - 18
44
53
4.5
10
± 2.2
25
2:1
450
8I,46
LA6018T1413
6 - 18
11
17
4.5
13
± 2.0
20
2:1
180
4I,3MH
LA6018T2113
6 - 18
17
24
4.0
13
± 2.0
20
2:1
200
4I,4MH
LA6018T2815
6 - 18
24
31
4.0
15
± 2.0
20
2:1
280
6I,6MH
LA6018T3515
6 - 18
31
39
4.5
15
± 2.0
25
2:1
350
8I,46
LA6018T4215
6 - 18
38
46
4.5
15
± 2.0
25
2:1
380
8I,46
LA6018T4915
6 - 18
44
53
4.5
10
± 2.2
25
2:1
450
8I,46
LA8012T1409
8 - 12
11
17
4.5
9
± 1.5
20
2:1
150
4I,3MH
LA8012T2109
8 - 12
17
24
4.0
9
± 1.5
20
2:1
200
4I,3MH
LA8012T2810
8 - 12
24
31
3.5
10
± 1.5
20
2:1
250
4I,4MH
LA8012T3510
8 - 12
31
39
4.5
10
± 1.8
20
2:1
300
6I,6MH
LA8012T4210
8 - 12
38
46
4.5
10
± 2.0
25
2:1
350
8I,46
LA8012T4910
8 - 12
44
53
4.5
10
± 2.0
25
2:1
400
8I,46
LA8012T1713
8 - 12
14
21
4.5
13
± 1.8
20
2:1
150
4I,3MH
LA8012T2113
8 - 12
17
24
4.0
13
± 1.8
20
2:1
200
4I,3MH
LA8012T2815
8 - 12
24
31
3.5
15
± 2
20
2:1
250
4I,4MH
LA8012T3515
8 - 12
31
39
4.5
15
± 2.0
20
2:1
300
6I,6MH
LA8012T4215
8 - 12
38
46
4.5
15
± 2.0
25
2:1
350
8I,46
LA8012T4915
8 - 12
44
53
4.5
15
± 2.0
25
2:1
400
8I,46
LA8018T1409
8 - 18
11
17
4.5
9
± 2
20
2:1
180
4I,3MH
LA8018T2109
8 - 18
17
24
4.0
9
± 1.8
20
2:1
200
4I,3MH
LA8018T2810
8 - 18
24
31
3.5
10
± 2
20
2:1
280
4I,4MH
LA8018T3510
8 - 18
31
39
4.5
10
± 1.8
20
2:1
350
6I,6MH
LA8018T4210
8 - 18
38
46
4.5
10
± 2.0
25
2:1
380
8I,46
LA8018T4910
8 - 18
44
53
4.5
10
± 2.2
25
2:1
450
8I,46
LA8018T1413
8 - 18
11
17
4.5
13
± 2
20
2:1
180
4I,3MH
LA8018T2113
8 - 18
17
24
4.0
13
± 1.8
20
2:1
200
4I,4MH
LA8018T2815
8 - 18
24
31
4.0
15
± 2
20
2:1
280
6I,6MH
LA8018T3515
8 - 18
31
39
4.5
15
± 2.0
20
2:1
350
6I,6MH
LA8018T4215
8 - 18
38
46
4.5
15
± 2.0
25
2:1
380
8I,46
LA8018T4915
8 - 18
44
53
4.5
15
± 2.0
25
2:1
450
8I,46
Notes:
1. Operating Temperature : -55
OC to +85 OC. Storage Temperature : -60 OC to +90 OC.
2. All products have built-in voltage regulators, which can operate from +10V to +18VDC.
3. Many kinds of cases are in stock; such as 08,10,46,55 and so on, special housings are available.
4. Connectors for MH case are detachable, insulator input and output after removal of connectors.
5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW and 1% duty cycle.
6. Custom Designs Available


Numéro de pièce similaire - LA8018T4215

FabricantNo de pièceFiches techniqueDescription
logo
American Accurate Compo...
LA8018N1709 AAC-LA8018N1709 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA8018N1713 AAC-LA8018N1713 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA8018N2109 AAC-LA8018N2109 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA8018N2113 AAC-LA8018N2113 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA8018N2120 AAC-LA8018N2120 Datasheet
85Kb / 1P
   Broadband Low Noise Medium Power Amplifiers
More results

Description similaire - LA8018T4215

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132_07 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
STMicroelectronics
BCY58 STMICROELECTRONICS-BCY58 Datasheet
99Kb / 6P
   LOW NOISE AUDIO AMPLIFIERS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com