Moteur de recherche de fiches techniques de composants électroniques |
|
LA2080T2113 Fiches technique(PDF) 4 Page - American Accurate Components, Inc. |
|
LA2080T2113 Fiches technique(HTML) 4 Page - American Accurate Components, Inc. |
4 / 4 page Temperature Compenstated Low Noise Amplifiers The content of this specification may change without notification 8/01/09 188 Technology Drive, Unit H, Irvine, CA 92618 Tel: 949-453-9888 Fax: 949-453-8889 Email: sales@aacix.com 4 American Accurate Components, Inc. Amplifiers Coaxial Temperature Compensated Low Noise Medium Power Amplifiers 1 to 18GHz Freq. Range Gain Noise Figure Pout@1dB Flatness IP3 VSW R Current P/N (dB) (dB) (dBm) (dB) (dBm) +12V (mA) Case (GHz) Min Max Max Min Max Typ Max Typ LA1020T3220 1 - 2 28 35 4.0 20 ± 2 30 2:1 350 4I,4MH LA2040T2120 2 - 4 18 24 4.5 20 ± 1.8 30 2:1 250 4I,4MH LA2040T2820 2 - 4 24 31 4.5 20 ± 1.8 30 2:1 300 4I,4MH LA2040T3520 2 - 4 31 39 5 20 ± 2.0 30 2:1 350 6I,6MH LA2040T4220 2 - 4 37 46 5 20 ± 2.0 30 2:1 400 6I,6MH LA2080T2120 2 - 8 17 24 5 20 ± 2.0 30 2:1 250 4I,4MH LA2080T2820 2 - 8 24 32 4.5 20 ± 2 30 2:1 300 4I,4MH LA2080T3520 2 - 8 31 39 4.5 20 ± 2.0 30 2:1 350 6I,6MH LA2080T4220 2 - 8 37 46 5 20 ± 2.5 30 2:1 450 6I,6MH LA2018T2420 2 - 18 20 28 6.5 20 ± 2.5 30 2.2:1 300 6I,6MH LA2018T3220 2 - 18 27 36 4.5 20 ± 2.5 30 2.2:1 450 6I,6MH LA2018T4020 2 - 18 35 46 4.5 20 ± 3 28 2.5:1 480 6I,6MH LA4080T2120 4 - 8 18 24 5 20 ± 2 30 2:1 250 4I,4MH LA4080T2820 4 - 8 24 31 4.5 20 ± 2 30 2:1 350 4I,4MH LA4080T3520 4 - 8 31 39 5 20 ± 2.2 30 2:1 400 6I,6MH LA4080T4215 4 - 8 37 46 5 20 ± 2.2 30 2:1 450 6I,6MH LA6018T2120 6 - 18 17 24 5 20 ± 2 30 2:1 280 4I,4MH LA6018T2820 6 - 18 24 32 5 20 ± 2 30 2:1 380 4I,4MH LA6018T3520 6 - 18 31 39 5.5 20 ± 2.2 30 2:1 380 8I,46 LA6018T4220 6 - 18 37 46 5.5 20 ± 2.5 30 2:1 400 8I,46 LA6018T4920 6 - 18 44 53 5.5 20 ± 2.8 30 2:1 480 8I,46 LA8012T2120 8 - 12 17 24 5.5 20 ± 1.5 30 2:1 250 4I,4MH LA8012T2820 8 - 12 24 31 4.5 20 ± 1.5 30 2:1 350 4I,4MH LA8012T3520 8 - 12 31 39 5.5 20 ± 1.8 30 2:1 450 6I,6MH LA8012T4220 8 - 12 37 46 5.5 20 ± 2.0 30 2:1 450 8I,46 LA8012T4920 8 - 12 44 53 5.5 20 ± 2.0 30 2:1 500 8I,46 LA8018T2120 8 - 18 17 24 5 20 ± 1.8 30 2:1 280 4I,4MH LA8018T2820 8 - 18 24 32 4.5 20 ± 1.8 30 2:1 380 4I,4MH LA8018T3520 8 - 18 31 39 5 20 ± 1.8 30 2:1 380 6I,6MH LA8018T4220 8 - 18 37 46 5.5 20 ± 2.0 30 2:1 400 8I,46 LA8018T4920 8 - 18 44 53 5.5 20 ± 2.2 30 2:1 450 8I,46 Notes: 1. Operating Temperature : -55 OC to +85 OC. Storage Temperature : -60 OC to +90 OC. 2. All products have built-in voltage regulators, which can operate from +10V to +18VDC. 3. Many kinds of cases are in stock; such as 08,10,46,55 and so on, special housings are available. 4. Connectors for MH case are detachable, insulator input and output after removal of connectors. 5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW and 1% duty cycle. 6. Custom Designs Available |
Numéro de pièce similaire - LA2080T2113 |
|
Description similaire - LA2080T2113 |