Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBU00340-HF Fiches technique(PDF) 3 Page - Comchip Technology

No de pièce CDBU00340-HF
Description  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBU00340-HF Fiches technique(HTML) 3 Page - Comchip Technology

  CDBU00340-HF Datasheet HTML 1Page - Comchip Technology CDBU00340-HF Datasheet HTML 2Page - Comchip Technology CDBU00340-HF Datasheet HTML 3Page - Comchip Technology CDBU00340-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Schottky Barrier Diode
Page 3
REV:A
SMD Diodes Specialist
QW-G1002
Index hole
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
Direction of Feed
B
C
d
D
D2
D1
E
F
P
P0
P1
T
U/0603
SYMBOL
A
W
W1
Reel Taping Specification
(mm)
(inch)
0.039 0.004
±
0.073 0.004
±
0.039 0.004
±
0.061 0.002
±
7.008 0.04
±
2.362 MIN.
0.512 0.008
±
U/0603
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.157 0.004
±
0.157 0.004
±
0.079 0.004
±
0.009 0.002
±
0.315 0.008
±
0.531 MAX.
Polarity
1.00 0.10
±
1.85 0.10
±
4.00 0.10
±
1.55 0.05
±
3.50 0.05
±
1.75 0.10
±
60.0 MIN.
13.0 0.20
±
1.00 0.10
±
4.00 0.10
±
2.00 0.05
±
0.23 0.05
±
8.00 0.20
±
13.5 MAX.
178 1
±
Comchip Technology CO., LTD.


Numéro de pièce similaire - CDBU00340-HF

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBU00340 COMCHIP-CDBU00340 Datasheet
64Kb / 2P
   SMD Schottky Barrier Diode
More results

Description similaire - CDBU00340-HF

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com