Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZP92 Fiches technique(PDF) 5 Page - Arizona Microtek, Inc

No de pièce AZP92
Description  ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZM [Arizona Microtek, Inc]
Site Internet  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP92 Fiches technique(HTML) 5 Page - Arizona Microtek, Inc

  AZP92_09 Datasheet HTML 1Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 2Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 3Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 4Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 5Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 6Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 7Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 8Page - Arizona Microtek, Inc AZP92_09 Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AZP92
June 2009 REV - 9
www.azmicrotek.com
5
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage1,2
3915
4120
3975
4120
3975
4120
3975
4120
mV
VOL
Output LOW Voltage1,2
3100
3445
3100
3380
3100
3380
3100
3380
mV
VIH
Input HIGH Voltage1
D/D
¯ , EN (PECL)3
EN (CMOS)4
3835
2000
4610
VCC
3835
2000
4610
VCC
3835
2000
4610
VCC
3835
2000
4610
VCC
mV
VIL
Input LOW Voltage1
D/D
¯ , EN (PECL)3
EN (CMOS)4
2750
GND
3525
800
2750
GND
3525
800
2750
GND
3525
800
2750
GND
3525
800
mV
VBB
Reference Voltage1
3610
3750
3610
3750
3610
3750
3610
3750
mV
IIH
Input HIGH Current EN
150
150
150
150
μA
IIL
Input LOW Current
EN (PECL)3
EN (CMOS)4
0.5
-150
0.5
-150
0.5
-150
0.5
-150
μA
IEE
Power Supply Current5
31
31
31
34
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Specified with outputs terminated through 50
Ω resistors to VCC - 2V.
3.
EN-SEL connected to VEE through a 20kΩ resistor.
4.
EN-SEL connected VEE or left open (NC).
5.
DIV-SEL left open (NC).
AC Characteristics (VEE = -3.0V to -5.5V; VCC = GND or VEE = GND; VCC = +3.0V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Propagation Delay
D to Q/Q
¯ Outputs1
(SE)
EN to Q/Q
¯ Outputs1
450
600
450
600
450
600
450
600
ps
tSKEW
Duty Cycle Skew2
(SE)
5
20
5
20
5
20
5
20
ps
VPP (AC)
Input Swing3
Differential (D/D
¯)
Single Ended (D)4
150
300
1000
2000
150
300
1000
2000
150
300
1000
2000
150
300
1000
2000
mV
tr / tf
Output Rise/Fall1
(20% - 80%)
80
200
80
200
80
200
80
200
ps
1.
Specified with outputs terminated through 50
Ω resistors to VCC - 2V.
2.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
3.
The peak-to-peak input swing is the range for which AC parameters are guaranteed.
4.
Range valid for AC coupled signals only.
AC PP INPUT (Differential)
D
D
VPP (AC)


Numéro de pièce similaire - AZP92_09

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AZP92NAG ETC1-AZP92NAG Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92NAG AZM-AZP92NAG Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92NAG AZM-AZP92NAG Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92X ETC1-AZP92X Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results

Description similaire - AZP92_09

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92_1308 AZM-AZP92_1308 Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP94 AZM-AZP94_09 Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com