Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDX65B Fiches technique(PDF) 3 Page - Comset Semiconductor

No de pièce BDX65B
Description  NPN SILICON DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMSET [Comset Semiconductor]
Site Internet  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX65B Fiches technique(HTML) 3 Page - Comset Semiconductor

  BDX65B Datasheet HTML 1Page - Comset Semiconductor BDX65B Datasheet HTML 2Page - Comset Semiconductor BDX65B Datasheet HTML 3Page - Comset Semiconductor BDX65B Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
VBE
Base-Emitter Voltage (*)
IC=5.0 A, VCE=3V
BDX65
BDX65A
BDX65B
BDX65C
-
-
2.5
V
fhfe
Cut-off frequency
VCE=3 V, IC=5 A
BDX65
BDX65A
BDX65B
BDX65C
-
50
-
kHz
fT
Transition Frequency
VCE=3 V, IC=5 A, f=1 MHz
BDX65
BDX65A
BDX65B
BDX65C
-
7
-
MHz
VCE=3 V, IC=1 A
BDX65
BDX65A
BDX65B
BDX65C
-
3300
-
VCE=3 V, IC=5 A
BDX65
BDX65A
BDX65B
BDX65C
1000
-
-
hFE
D.C. current gain (*)
VCE=3 V, IC=10 A
BDX65
BDX65A
BDX65B
BDX65C
-
3700
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(1) collector-Emitter voltage limited et VCEci = V
rated by
an auxiliary circuit
MECHANICAL DATA CASE TO-3
DIMENSIONS
mm
inches
A
25,51
1,004
B
38,93
1,53
C
30,12
1,18
D
17,25
0,68
E
10,89
0,43
G
11,62
0,46
H
8,54
0,34
L
1,55
0,6
M
19,47
0,77
N
1
0,04
P
4,06
0,16
Pin 1 :
Base
Pin 2 :
Emitter
Case :
Collector


Numéro de pièce similaire - BDX65B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BDX65B ETC-BDX65B Datasheet
167Kb / 4P
   NPN SILICON DARLINGTONS
logo
Seme LAB
BDX65B SEME-LAB-BDX65B Datasheet
12Kb / 1P
   Bipolar NPN Device
logo
Savantic, Inc.
BDX65B SAVANTIC-BDX65B Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX65B COMSET-BDX65B Datasheet
82Kb / 4P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Savantic, Inc.
BDX65B SAVANTIC-BDX65B Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - BDX65B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BDX65 ETC-BDX65 Datasheet
167Kb / 4P
   NPN SILICON DARLINGTONS
logo
Comset Semiconductor
BDX63 COMSET-BDX63 Datasheet
152Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67 Datasheet
145Kb / 4P
   NPN SILICON DARLINGTONS
BDX67 COMSET-BDX67_1 Datasheet
221Kb / 5P
   NPN SILICON DARLINGTONS
2N3055 COMSET-2N3055_12 Datasheet
76Kb / 3P
   NPN SILICON DARLINGTONS
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com