Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDX33 Fiches technique(PDF) 6 Page - Comset Semiconductor

No de pièce BDX33
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMSET [Comset Semiconductor]
Site Internet  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX33 Fiches technique(HTML) 6 Page - Comset Semiconductor

  BDX33 Datasheet HTML 1Page - Comset Semiconductor BDX33 Datasheet HTML 2Page - Comset Semiconductor BDX33 Datasheet HTML 3Page - Comset Semiconductor BDX33 Datasheet HTML 4Page - Comset Semiconductor BDX33 Datasheet HTML 5Page - Comset Semiconductor BDX33 Datasheet HTML 6Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NPN BDX33 – BDX33A – BDX33B – BDX33C
PNP BDX34 – BDX34A – BDX34B – BDX34C
COMSET SEMICONDUCTORS
6/6
MECHANICAL DATA CASE TO-220
DIMENSIONS
mm
inches
A
9,86
0,39
B
15,73
0,62
C
13,37
0,52
D
6,67
0,26
E
4,44
0,17
F
4,21
0,16
G
2,99
0,11
H
17,21
0,68
L
1,29
0,05
M
3,6
0,14
N
1,36
0,05
P
0,46
0,02
R
2,1
0,08
S
5
0,19
T
2,52
0,098
U
0,79
0,03
Pin 1 :
base
Pin 2 :
Collector
Pin 3 :
emitter


Numéro de pièce similaire - BDX33

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BDX33 MOSPEC-BDX33 Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
912Kb / 4P
   NPN Silicon Power Darlingtons
logo
Power Innovations Ltd
BDX33 POINN-BDX33 Datasheet
128Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDX33 NJSEMI-BDX33 Datasheet
121Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
Fairchild Semiconductor
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
More results

Description similaire - BDX33

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com