Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2484 Fiches technique(PDF) 2 Page - Comset Semiconductor

No de pièce 2N2484
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMSET [Comset Semiconductor]
Site Internet  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2484 Fiches technique(HTML) 2 Page - Comset Semiconductor

  2N2484 Datasheet HTML 1Page - Comset Semiconductor 2N2484 Datasheet HTML 2Page - Comset Semiconductor 2N2484 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N2484
COMSET SEMICONDUCTORS
2/3
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
IC=1 µA, VCE =5 V
30
200
-
IC=10 µA, VCE =5 V
100
290
500
IC=100 µA, VCE =5 V
175
375
-
IC=500 µA, VCE =5 V
200
430
-
IC=1mA, VCE =5 V
250
450
-
IC=10 mA, VCE =5 V
-
430
800
hFE (*)
DC Current Gain
IC=10 µA, VCE =5 V
Tamb = -55°
20
-
-
-
VCE(SAT)
Collector-Emitter saturation Voltage
IC=1 mA, IB=0.1 mA
-
0.2
0.35
VBE
Base-Emitter Voltage
IC=100 µA, VCE =5 V
0.5
0.57
0.7
V
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
IC=50 µA, VCE= 5 V
f= 5 MHz
15
20
-
fT
Transition frequency
IC=500 µA, VCE= 5 V
f= 30 MHz
60
78
-
MHz
hfe
Small signal current gain
IC=1 mA, VCE=5.0 V
f= 1 KHz
150
400
900
-
CCBO
Collector-Base Capacitance
IE= 0 ,VCB=5 V
f = 1MHz
-
3.5
6
pF
CEBO
Emitter-Base Capacitance
IC= 0 ,VEB=0.5 V
f = 1MHz
-
3.5
6
pF
f = 100 Hz
-
4
10
f = 1 kHz
-
1.8
3
f = 10 kHz
-
0.6
2
NF
Noise figure
IC= 0
VCE=5.0 V
Rg = 10 k
f = 10 to
10000 Hz
-
1.8
3
dB
(*) Pulse conditions : tp < 300
µs, δ =1%


Numéro de pièce similaire - 2N2484

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2N2484 PHILIPS-2N2484 Datasheet
49Kb / 8P
   NPN general purpose transistor
1997 May 01
logo
Central Semiconductor C...
2N2484 CENTRAL-2N2484 Datasheet
328Kb / 2P
   NPN - Low Noise Amplifier Transistor Chip
logo
STMicroelectronics
2N2484 STMICROELECTRONICS-2N2484 Datasheet
113Kb / 19P
   SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
logo
Continental Device Indi...
2N2484 CDIL-2N2484 Datasheet
227Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
logo
Semicoa Semiconductor
2N2484 SEMICOA-2N2484 Datasheet
31Kb / 1P
   Chip Type 2C2484 Geometry 0307 Polarity NPN
More results

Description similaire - 2N2484

FabricantNo de pièceFiches techniqueDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com