Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS497004-CQZ Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CS497004-CQZ
Description  High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497004-CQZ Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CS497004-CQZ Datasheet HTML 6Page - Cirrus Logic CS497004-CQZ Datasheet HTML 7Page - Cirrus Logic CS497004-CQZ Datasheet HTML 8Page - Cirrus Logic CS497004-CQZ Datasheet HTML 9Page - Cirrus Logic CS497004-CQZ Datasheet HTML 10Page - Cirrus Logic CS497004-CQZ Datasheet HTML 11Page - Cirrus Logic CS497004-CQZ Datasheet HTML 12Page - Cirrus Logic CS497004-CQZ Datasheet HTML 13Page - Cirrus Logic CS497004-CQZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
Copyright 2009 Cirrus Logic
DS752PP8
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
5. Characteristics and Specifications
Note: All data sheet minimum and maximum timing parameters are guaranteed over the rated voltage and temperature. All data sheet
typical parameters are measured under the following conditions: T = 25 °C, CL = 20 pF, VDD = 1.8 V, VDDA = VDDIO = 3.3 V,
GNDD = GNDIO = GNDA = 0 V.
5.1 Absolute Maximum Ratings
(GNDD = GNDIO = GNDA = 0 V; all voltages with respect to 0 V)
Caution: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at
these extremes.
5.2 Recommended Operating Conditions
(GNDD = GNDIO = GNDA = 0 V; all voltages with respect to 0 V)
Note: It is recommended that the 3.3 V IO supply come up ahead of or simultaneously with the 1.8 V core supply.
5.3 Digital DC Characteristics
(Measurements performed under static conditions.)
Parameter
Symbol
Min
Max
Unit
DC power supplies:
Core supply
PLL supply
I/O supply
|VDDA – VDDIO|
VDD
VDDA
VDDIO
–0.3
–0.3
–0.3
-
2.0
3.6
3.6
0.3
V
V
V
V
Input pin current, any pin except supplies
Iin
-+/- 10
mA
Input voltage on PLL_REF_RES
Vfilt
-0.3
3.6
V
Input voltage on I/O pins
Vinio
-0.3
5.0
V
Storage temperature
Tstg
–65
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
DC power supplies:
Core supply
PLL supply
I/O supply
|VDDA – VDDIO|
VDD
VDDA
VDDIO
1.71
3.13
3.13
1.8
3.3
3.3
0
1.89
3.46
3.46
V
V
V
V
Ambient operating temperature
Commercial Grade (CQZ/CVZ)
TA
0
+25
+ 70
°C
Parameter
Symbol
Min
Typ
Max
Unit
High-level input voltage
VIH
2.0
-
-
V
Low-level input voltage, except XTI
VIL
--
0.8
V
Low-level input voltage, XTI
VILXTI
--
0.6
V
Input Hysteresis
Vhys
0.4
V
High-level output voltage (IO = -4mA), except XTI,
SDRAM pins
VOH
VDDIO * 0.9
-
-
V
Low-level output voltage (IO = 4mA), except XTI,
SDRAM pins
VOL
-
-
VDDIO * 0.1
V
SDRAM High-level output voltage (IO = -8mA)
VOH
VDDIO * 0.9
-
-
V
SDRAM Low-level output voltage (IO = 8mA)
VOL
-
-
VDDIO * 0.1
V
Input leakage current (all digital pins with internal pull-
up resistors disabled)
IIN
--
5
μA


Numéro de pièce similaire - CS497004-CQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS497004-CQZ CIRRUS-CS497004-CQZ Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
CS497004-CQZR CIRRUS-CS497004-CQZR Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
More results

Description similaire - CS497004-CQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
   High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
   32-bit Dual Audio DSP Engine
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com