Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS622311DRYT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS622311DRYT
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS622311DRYT Fiches technique(HTML) 2 Page - Texas Instruments

  TPS622311DRYT Datasheet HTML 1Page - Texas Instruments TPS622311DRYT Datasheet HTML 2Page - Texas Instruments TPS622311DRYT Datasheet HTML 3Page - Texas Instruments TPS622311DRYT Datasheet HTML 4Page - Texas Instruments TPS622311DRYT Datasheet HTML 5Page - Texas Instruments TPS622311DRYT Datasheet HTML 6Page - Texas Instruments TPS622311DRYT Datasheet HTML 7Page - Texas Instruments TPS622311DRYT Datasheet HTML 8Page - Texas Instruments TPS622311DRYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
PACKAGE
FREQUENCY
TA
PART NUMBER(1)
OUTPUT VOLTAGE(2)
ORDERING
[MHz]
DESIGNATOR
MARKING
TPS62230
2.5 V
3
DRY
TPS62230DRY
GV
TPS62231
1.8 V
3
DRY
TPS62231DRY
GW
TPS62232
1.2 V
3
DRY
TPS62232DRY
GX
TPS62239
1.0 V
3
DRY
TPS62239DRY
OP
TPS622311
1.1V
2
DRY
TPS622311DRY
PA
TPS62235
1.2V
2
DRY
TPS62235DRY
OQ
TPS6223-1.3(3)
1.3 V
3
DRY
TPS6223-1.5(3)
1.5 V
3
DRY
–40°C to 85°C
TPS62236
1.85V
2
DRY
TPS62236DRY
OR
TPS6223-2.0(3)
2.0 V
3
DRY
TPS62234
2.1 V
3
DRY
TPS62234DRY
OH
TPS62238
2.25 V
3
DRY
TPS62238DRY
ON
TPS622310
2.3 V
3
DRY
TPS622310DRY
OT
TPS6223-2.7(3)
2.7 V
3
DRY
TPS6223-2.9(3)
2.9 V
3
DRY
TPS62233
3.0 V
3
DRY
TPS62233DRY
OG
TPS62237
3.3V
2
DRY
TPS62237DRY
OS
(1)
The DRY package is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel, T suffix for 250 parts per reel.
(2)
Contact TI for other fixed output voltage options
(3)
Device status is product preview, contact TI for more details
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Voltage at VIN and SW Pin(2)
–0.3 to 7
V
VI
Voltage at EN, MODE Pin(2)
–0.3 to VIN +0.3, ≤7
V
Voltage at FB Pin (2)
–0.3 to 3.6
V
Peak output current
internally limited
A
HBM Human body model
2
kV
ESD rating(3)
CDM Charge device model
1
Machine model
200
V
Power dissipation
Internally limited
TJ
Maximum operating junction temperature
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311


Numéro de pièce similaire - TPS622311DRYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS622311DRYT TI1-TPS622311DRYT Datasheet
2Mb / 40P
[Old version datasheet]   2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
More results

Description similaire - TPS622311DRYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com