Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS658621A Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS658621A
Description  Advanced Power Management Unit
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS658621A Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS658621A Datasheet HTML 4Page - Texas Instruments TPS658621A Datasheet HTML 5Page - Texas Instruments TPS658621A Datasheet HTML 6Page - Texas Instruments TPS658621A Datasheet HTML 7Page - Texas Instruments TPS658621A Datasheet HTML 8Page - Texas Instruments TPS658621A Datasheet HTML 9Page - Texas Instruments TPS658621A Datasheet HTML 10Page - Texas Instruments TPS658621A Datasheet HTML 11Page - Texas Instruments TPS658621A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 105 page
background image
TPS658621A
SLVSA58 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESUME CONTROL TIMING
TRESUME(H)
RESUME pulse width high
(1)
550
ms
TRESUME(L)
RESUME pulse width low
(1)
1500
ms
SEQUENCER REBOOT CONTROL
Reboot started when normal state is set and
VHOTRST
Reboot control threshold
V(HOT_RST) < VREBOOT for
0.4
V
t > TDT(HRST)
THRST(H)
HOT_RST max pulse width
60
ms
TDT(HRST)
HOT_RST min detection pulse width
HOT_RST deglitch
4
16
μs
EXTERNAL SUPPLY DETECTION AND STATUS
System voltage V(SYS) decreasing.
3.0
V
VLOWSYS
Minimum system voltage detection threshold
Total accuracy, referenced to V(LOWSYS)TYP
-2
2
%
VHYS(LOWSYS)
Minimum system voltage detection hysteresis
V(SYS) increasing from decreasing trigger point
200
mV
Minimum system voltage detection deglitch
TDGL(LOWSYS)
V(SYS) decreasing
5
ms
time
Input voltage detection threshold. Input voltage AC detected when V(AC)–V(BAT) > VIN(DT) AND V(AC) > VACMIN
VIN(DT)
180
mV
increasing, referenced to battery voltage
USB detected when V(USB)–V(BAT) > VIN(DT)
AC not detected:
Input voltage removal threshold. Input voltage
VIN(NDT)
when V(AC)–V(BAT) < VIN(NDT) USB not detected when
65
mV
decreasing, referenced to battery voltage
V(USB)–V(BAT)< VIN(NDT)
AC voltage decreasing , AC not detected when V(AC) < VACMIN
3.5
V
VACMIN
AC detection threshold, relative to GND
Hysteresis, AC voltage increasing
200
mV
TDGLAC(DT)
AC Power detected deglitch
AC voltage increasing
22.5
ms
TDGLUSB(DT)
USB Power detected deglitch
USB voltage increasing
5.5
ms
VIN(OVP)
Input over voltage detection
5.8
6.0
6.3
V
TDLY(INOVP)
Input over voltage detection delay
Rising AC or USB voltage
100
μs
ANALOG COMPARATOR
VCOMPDET
Voltage threshold
Enabled at sleep mode not set
1.21
1.245
1.28
V
IQCDET
Bias current
(1)
Always On
5
μA
V(COMP):0
→1.5V→0, measured from input to
TP
Propagation time
50
μs
NOPOWER:HI
→LO
(1)
Not production tested.
8
ELECTRICAL SPECIFICATIONS
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TPS658621A


Numéro de pièce similaire - TPS658621A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS658621A TI-TPS658621A Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI1-TPS658621A Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR TI-TPS658621AZGUR Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR-1 TI1-TPS658621AZGUR-1 Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUT TI-TPS658621AZGUT Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
More results

Description similaire - TPS658621A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com