Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS658621A Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS658621A
Description  Advanced Power Management Unit
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS658621A Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS658621A Datasheet HTML 3Page - Texas Instruments TPS658621A Datasheet HTML 4Page - Texas Instruments TPS658621A Datasheet HTML 5Page - Texas Instruments TPS658621A Datasheet HTML 6Page - Texas Instruments TPS658621A Datasheet HTML 7Page - Texas Instruments TPS658621A Datasheet HTML 8Page - Texas Instruments TPS658621A Datasheet HTML 9Page - Texas Instruments TPS658621A Datasheet HTML 10Page - Texas Instruments TPS658621A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
TPS658621A
www.ti.com
SLVSA58 – DECEMBER 2009
2.5
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RTC_OUT LDO
VO(RTC_OUT)TYP=1.25, 1.50, 1.8, 2.5,
V
Output Voltage, Selectable via I
2C(1)
2.7,2.85,3.1,3.3
Dropout voltage, I(RTC_OUT) = –15 mA
600
mV
V(SYS) = 2.8 V
Total accuracy, V(AC):2V to 4.7V, –15mA load,
VO(RTC_OUT)
RTC_OUT output voltage
–5%
5%
V(BAT1)=V(BAT2)=V(USB)=0V
Load regulation, V(AC)=3.5V,
1%
load: 1mA
→ –15mA
Line regulation, 5mA load,V(AC): 3.5V
→18V,
1%
V(BAT1) =V(BAT2) =V(USB) =0V
ISHRTC
Short Circuit current limit
20
mA
2.3
2.35
2.45
RTC_OUT power good fault detection
V(RTCGOOD)
V
Falling RTC_OUT pin voltage, set via I
2C
threshold
1.8
1.90
2.0
VHYS(RTC)
Power good fault detection hysteresis
Rising RTC_OUT pin voltage (Referenced to V(RTCGOOD) threshold)
50
75
131
mV
VUVLO_RTC
Internal RTC UVLO detection threshold
VRTC Decreasing
–10%
1.5
10%
V
VUVLO_RTC_HYS
UVLO detection hysteresis
VRTC Increasing
100
150
200
mV
BOOT-UP TIMING
TPOR
Power-on-reset delay
(2)
Fixed time, measured from 2V2>UVLO
7.2
8
8.8
ms
Fixed time
500
TBOOT
Boot-up time
ms
Accuracy, referenced to TBOOT(tTYP)
–10%
10%
THOTPLUG
Hot plug deglitch time
Fixed time
675
750
825
ms
TWAKEUP
Wakeup pulse width
Fixed time
225
250
275
μs
TCHECK
RTC check wait time
Fixed time
2.7
3
3.3
ms
TMAX
RTC_ON watchdog timer
Fixed time
4×TNORTC
ms
Fixed time
10
TNORTC
NORTC pin pulse width value
ms
Accuracy, relative to TNORTC (TYP)
(2)
–10%
10%
TNOPOWER = KNOPOWER × CNOPOWER
0.25
KNOPOWER
NOPOWER pin pulse width const.
ms/nF
Pulse width accuracy, CNOPOWER < 400nF
–25%
25%
TWAIT
Reboot and sleep request timeout
Fixed time
18
20
22
ms
TWAIT1
4.5
5
5.5
ms
TSYNCEND
Synchronization complete delay
Measured from all supplies synchronized
4.5
5
5.5
ms
TSYNCDLY(TYP) = 1.25, 2.5, 3.75, 15,
Regulator specific. See Table 3-17
20, 32, 40, 64
TSYNCDLY
Supply sync delay time
ms
Accuracy, relative to TSYNCDLY(TYP)
(2)
-10
+10
POWER GOOD AND THERMAL FAULT DETECTION
Applies to all non-masked power good signals, output voltage
TDGL(PGFLT)
Power good deglitch time
4
5
6
ms
falling edge.
TSHUT
Thermal shutdown
Increasing junction temperature
150
°C
THYS(SHUT)
Thermal shutdown hysteresis
Decreasing junction temperature
30
°C
TDGL(TSHUT)
Thermal shutdown detection delay
Rising temperature
15
20
25
μs
(1)
Setting the RTC_OUT output voltage below the RTC_OUT power good threshold will result in a NORTC pulse being always generated
during reboot cycles or when exiting sleep.
Setting the RTC_OUT output voltage below VUVLO_RTC disables the use of the internal real time clock counter and xtal oscillator.
(2)
Not production tested.
Copyright © 2009, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
7
Submit Documentation Feedback
Product Folder Link(s): TPS658621A


Numéro de pièce similaire - TPS658621A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS658621A TI-TPS658621A Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI1-TPS658621A Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR TI-TPS658621AZGUR Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUR-1 TI1-TPS658621AZGUR-1 Datasheet
160Kb / 6P
[Old version datasheet]   Advanced Power Management Unit
TPS658621AZGUT TI-TPS658621AZGUT Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
More results

Description similaire - TPS658621A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
[Old version datasheet]   Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
   Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
TPS658621C TI-TPS658621C Datasheet
368Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com