Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62230 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62230
Description  2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62230 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS62230 Datasheet HTML 2Page - Texas Instruments TPS62230 Datasheet HTML 3Page - Texas Instruments TPS62230 Datasheet HTML 4Page - Texas Instruments TPS62230 Datasheet HTML 5Page - Texas Instruments TPS62230 Datasheet HTML 6Page - Texas Instruments TPS62230 Datasheet HTML 7Page - Texas Instruments TPS62230 Datasheet HTML 8Page - Texas Instruments TPS62230 Datasheet HTML 9Page - Texas Instruments TPS62230 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
VIN
GND
FB
MODE
EN
SW
L =1/2.2 H
m
TPS6223X
V
=2.05Vto6V
IN
C
2.2 F
IN
m
VOUT
C
4.7 F
OUT
m
C :MurataGRM155R60J225ME15D2.2 F0402size
IN
m
C
:MurataGRM188R60J475ME4.7 F0603size,VOUT >=1.8V
C
: Taiyo Yuden AMK105BJ475MV4.7 F0402size,VOUT =1.2V
l:MurataLQM2HPN1R0MJ01 H,LQM2HPN2R2MJ02.2 H,
size2.5x2.0x1.2mm
OUT
OUT
m
m
m
m
3
TPS62230, TPS62231, TPS62232, TPS62233
TPS62234, TPS62235, TPS62236, TPS62237
TPS62238, TPS62239, TPS622310, TPS622311
SLVS941B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Load current
1, 2, 3, 4, 5, 6, 7
η
Efficiency
vs Output Current
8, 9, 10, 11
12, 13, 14, 15,
VO
Output voltage
vs Output current
16, 17
18, 19, 20, 21,
Switching frequency
vs Output current
22, 23, 24, 25,
26, 27
IQ
Quiescent current
vs Ambient temperature
28
ISD
Shutdown current
vs Ambient temperature
29
PMOS Static drain-source on-state resistance
vs Supply voltage and ambient temperature
30
rDS(ON)
NMOS Static drain-source on-state resistance
vs Supply voltage and ambient temperature
31
PSRR
Power supply rejection ratio
vs Frequency
32
Typical operation
33, 34, 35
PFM
36
Line transient response
PWM
37
Mode transition PFM / forced PWM
38
AC - load regulation performance
39, 40, 41
Load transient response
42, 43, 44, 45
Start-up
46, 47
Spurious Output Noise, 12R Load
48
Spurious Output Noise, 100R Load
49
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311


Numéro de pièce similaire - TPS62230

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230 Datasheet
2Mb / 40P
[Old version datasheet]   2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62230DRY TI-TPS62230DRY Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Description similaire - TPS62230

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com