Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP2G241DCUR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP2G241DCUR
Description  LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G241DCUR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74AUP2G241DCUR Datasheet HTML 5Page - Texas Instruments SN74AUP2G241DCUR Datasheet HTML 6Page - Texas Instruments SN74AUP2G241DCUR Datasheet HTML 7Page - Texas Instruments SN74AUP2G241DCUR Datasheet HTML 8Page - Texas Instruments SN74AUP2G241DCUR Datasheet HTML 9Page - Texas Instruments SN74AUP2G241DCUR Datasheet HTML 10Page - Texas Instruments SN74AUP2G241DCUR Datasheet HTML 11Page - Texas Instruments SN74AUP2G241DCUR Datasheet HTML 12Page - Texas Instruments SN74AUP2G241DCUR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SN74AUP2G241
www.ti.com
SCES761A – DECEMBER 2009 – REVISED DECEMBER 2009
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
36.4
1.2 V ± 0.1 V
0.5
13
30.8
0.5
31.2
1.5 V ± 0.1 V
2.7
9.1
18
1.1
19.1
tpd
A
Y
ns
1.8 V ± 0.15 V
2.6
7.2
13.6
1
14.8
2.5 V ± 0.2 V
2.6
5.3
8.6
1.3
9.9
3.3 V ± 0.3 V
1.4
4.8
7.9
0.7
8.6
0.8 V
49.9
1.2 V ± 0.1 V
0.5
14.1
31.7
0.5
32.8
1.5 V ± 0.1 V
2.7
9.6
17.8
0.6
20.0
ten
OE
Y
ns
1.8 V ± 0.15 V
2.5
7.5
13.2
0.5
15.4
2.5 V ± 0.2 V
2.9
5.5
8.6
1.2
10.6
3.3 V ± 0.3 V
2.7
4.6
6.7
1.4
8.3
0.8 V
17.9
1.2 V ± 0.1 V
0.5
8.7
17.4
0.5
17.6
1.5 V ± 0.1 V
0.5
6.5
14.0
0.5
14.0
tdis
OE
Y
ns
1.8 V ± 0.15 V
2.4
8.1
12.9
2.3
13.0
2.5 V ± 0.2 V
1.8
5.7
10.4
1.7
10.6
3.3 V ± 0.3 V
3.9
8.6
13.5
3.8
13.6
0.8 V
32.8
1.2 V ± 0.1 V
0.5
14.4
32.4
0.5
33.1
1.5 V ± 0.1 V
2.5
9.7
18.5
1.1
19.9
ten
OE
Y
ns
1.8 V ± 0.15 V
2.3
7.6
14.3
0.8
15.7
2.5 V ± 0.2 V
2.4
5.3
9
1.2
10.3
3.3 V ± 0.3 V
2.8
4.6
7.2
1.7
8.2
0.8 V
20.1
1.2 V ± 0.1 V
0.5
10.3
19.3
0.5
19.3
1.5 V ± 0.1 V
1.9
7.6
14.5
1.8
14.5
tdis
OE
Y
ns
1.8 V ± 0.15 V
3
8.8
14.9
2.8
14.9
2.5 V ± 0.2 V
2.9
6.5
10
2.9
10.1
3.3 V ± 0.3 V
0.5
8.2
17.9
0.5
17.9
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AUP2G241


Numéro de pièce similaire - SN74AUP2G241DCUR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DCUR TI-SN74AUP2G240DCUR Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DCUR TI-SN74AUP2G240DCUR Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DQER TI-SN74AUP2G240DQER Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AUP2G241DCUR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240_10 Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com