Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP2G80 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP2G80
Description  LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G80 Fiches technique(HTML) 5 Page - Texas Instruments

  SN74AUP2G80 Datasheet HTML 1Page - Texas Instruments SN74AUP2G80 Datasheet HTML 2Page - Texas Instruments SN74AUP2G80 Datasheet HTML 3Page - Texas Instruments SN74AUP2G80 Datasheet HTML 4Page - Texas Instruments SN74AUP2G80 Datasheet HTML 5Page - Texas Instruments SN74AUP2G80 Datasheet HTML 6Page - Texas Instruments SN74AUP2G80 Datasheet HTML 7Page - Texas Instruments SN74AUP2G80 Datasheet HTML 8Page - Texas Instruments SN74AUP2G80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN74AUP2G80
www.ti.com
SCES756 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –20 μA
0.8 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –1.1 mA
1.1 V
0.75 × VCC
0.7 × VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
VOH
V
IOH = –2.3 mA
2.05
1.97
2.3 V
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 μA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3 × VCC
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
II
A or B input VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
μA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
μA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
μA
VI = GND or
ICC
(VCC to 3.6 V),
0.8 V to 3.6 V
0.5
0.9
μA
IO = 0
VI = VCC – 0.6 V
(1),
ΔICC
3.3 V
40
50
μA
IO = 0
0 V
1.5
Ci
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = GND
0 V
3
pF
(1)
One input at VCC – 0.6 V, other input at VCC or GND
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUP2G80


Numéro de pièce similaire - SN74AUP2G80

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP2G00 TI1-SN74AUP2G00 Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00-Q1 TI1-SN74AUP2G00-Q1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DCUR TI1-SN74AUP2G00DCUR Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DQER TI1-SN74AUP2G00DQER Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00QDCURQ1 TI1-SN74AUP2G00QDCURQ1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
More results

Description similaire - SN74AUP2G80

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP2G79 TI-SN74AUP2G79 Datasheet
291Kb / 14P
[Old version datasheet]   LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com