Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA92B-SRFUG.SEFUG-6-PF Fiches technique(PDF) 6 Page - LIGITEK electronics co., ltd.

No de pièce LA92B-SRFUG.SEFUG-6-PF
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA92B-SRFUG.SEFUG-6-PF Fiches technique(HTML) 6 Page - LIGITEK electronics co., ltd.

  LA92B-SRFUG.SEFUG-6-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA92B-SRFUG.SEFUG-6-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA92B-SRFUG.SEFUG-6-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA92B-SRFUG.SEFUG-6-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA92B-SRFUG.SEFUG-6-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA92B-SRFUG.SEFUG-6-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA92B-SRFUG.SEFUG-6-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA92B-SRFUG.SEFUG-6-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
Fig.4 Relative Intensity vs. Temperature
Ambient Temperature(
)
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Forward Current(mA)
Fig.2 Relative Intensity vs. Forward Current
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.0
0
10
20
1.0
10
100
1000
0.0
1.0
2.0
3.0
-20
0
20
40
60
1.0
1.1
1.2
2.0
3.0
80
0.8
0.9
-20
40
20
0
80
60
2.0
0.0
0.5
1.0
1.5
2.5
Typical Electro-Optical Characteristics Curve
SEF CHIP
1.0
Wavelength (nm)
500
0.0
0.5
550
600
650
0.5
1.5
2.5
0
30
50
40
60
PART NO. LA92B/SRFUG.SEFUG-6-PF
Page 5/7


Numéro de pièce similaire - LA92B-SRFUG.SEFUG-6-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA92B-2EG-1 LIGITEK-LA92B-2EG-1 Datasheet
115Kb / 6P
   LED ARRAY
LA92B-2EG-2 LIGITEK-LA92B-2EG-2 Datasheet
81Kb / 6P
   LED ARRAY
LA92B-2EG-2-AS-PF LIGITEK-LA92B-2EG-2-AS-PF Datasheet
233Kb / 7P
   LED ARRAY
LA92B-2EG-2-PF LIGITEK-LA92B-2EG-2-PF Datasheet
157Kb / 8P
   LED ARRAY
LA92B-2EG-PF LIGITEK-LA92B-2EG-PF Datasheet
122Kb / 7P
   LED ARRAY
More results

Description similaire - LA92B-SRFUG.SEFUG-6-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com