Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA79B-1-VG.X.SE.X-S8-PF Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LA79B-1-VG.X.SE.X-S8-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA79B-1-VG.X.SE.X-S8-PF Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA79B-1-VG.X.SE.X-S8-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA79B-1-VG.X.SE.X-S8-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA79B-1-VG.X.SE.X-S8-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA79B-1-VG.X.SE.X-S8-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA79B-1-VG.X.SE.X-S8-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA79B-1-VG.X.SE.X-S8-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA79B-1-VG.X.SE.X-S8-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.0MIN
25.0MIN
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
1.5MAX
LVG2641-1-PF
2.54TYP
0.5
TYP
2.9
3.1
4.3
3.3
Package Dimensions
LA79B-1/VG.X.SE.X-S8-PF
PART NO.
LSE2641-1-PF
Page 1/6
+
-
8.5
±0.5
4.7
±0.5
10.7
3.5
±0.5
2.54TYP
+ -
0.5
TYP
2.5
5.08
3.5
±0.5
SE
4.4
ψ2.9X2
VG
20.3
1.5


Numéro de pièce similaire - LA79B-1-VG.X.SE.X-S8-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA79B-1-3G.H-S2-PF LIGITEK-LA79B-1-3G.H-S2-PF Datasheet
122Kb / 7P
   LED ARRAY
LA79B-1-4DBK-PF LIGITEK-LA79B-1-4DBK-PF Datasheet
135Kb / 6P
   LED ARRAY
LA79B-1-4EG-PF LIGITEK-LA79B-1-4EG-PF Datasheet
124Kb / 7P
   LED ARRAY
LA79B-1-4EG-S17-PF LIGITEK-LA79B-1-4EG-S17-PF Datasheet
123Kb / 7P
   LED ARRAY
LA79B-1-4EG-S2-PF LIGITEK-LA79B-1-4EG-S2-PF Datasheet
127Kb / 7P
   LED ARRAY
More results

Description similaire - LA79B-1-VG.X.SE.X-S8-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com