Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA62B-3-8SRF8UG-8-AS-PF Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LA62B-3-8SRF8UG-8-AS-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA62B-3-8SRF8UG-8-AS-PF Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA62B-3-8SRF8UG-8-AS-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA62B-3-8SRF8UG-8-AS-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA62B-3-8SRF8UG-8-AS-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA62B-3-8SRF8UG-8-AS-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA62B-3-8SRF8UG-8-AS-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA62B-3-8SRF8UG-8-AS-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA62B-3-8SRF8UG-8-AS-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2.9
6.35
7.37
0.5
TYP
5.4
±0.5
5.08
7.0
3
2
2.54TYP
1
2.54TYP
2.9
±0.5
1.3
±0.5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/6
8UG
8SRF
Package Dimensions
PART NO. LA62B-3/8SRF8UG-8-AS-PF
8UG
8SRF
3
2
1
1.ANODE GREEN
2.COMMON CATHODE
3.ANODE RED
+
3
-
+
1
2
3.3
1.5
MAX
2.9
LSRFUG2692-AS-PF-0808
1
2
3
0.5
TYP
2.0MIN
2.54TYP
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
6.45
±0.5
4.3
18.0MIN
2.54TYP
2.0MIN
3.1
1.ANODE GREEN
2.COMMON CATHODE
3.ANODE RED


Numéro de pièce similaire - LA62B-3-8SRF8UG-8-AS-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA62B-3-EG-1 LIGITEK-LA62B-3-EG-1 Datasheet
79Kb / 6P
   LED ARRAY
LA62B-3-EG-1-PF LIGITEK-LA62B-3-EG-1-PF Datasheet
91Kb / 7P
   LED ARRAY
LA62B-3-EG-PF LIGITEK-LA62B-3-EG-PF Datasheet
126Kb / 7P
   LED ARRAY
LA62B-3-HRFDBK-9-PF LIGITEK-LA62B-3-HRFDBK-9-PF Datasheet
191Kb / 8P
   LED ARRAY
LA62B-3-SRFVG-4 LIGITEK-LA62B-3-SRFVG-4 Datasheet
113Kb / 6P
   LED ARRAY
More results

Description similaire - LA62B-3-8SRF8UG-8-AS-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com