Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF128128E Fiches technique(PDF) 1 Page - Bolymin, Inc

No de pièce BF128128E
Description  FSTN Transflective LCD, COF package Built-in driver HD66750
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOLYMIN [Bolymin, Inc]
Site Internet  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BF128128E Fiches technique(HTML) 1 Page - Bolymin, Inc

  BF128128E Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BF128128E
Feature
Mechanical Data
Item
LCD Dimension
Viewing Area
Dot Size
Dot Pitch
Standard Value Unit
Pin Assignment
Pin
Symbol
Function
1
2~9
10
11
12
13
14
Logic Power supply +3.0V
Data bus line
Reset signal
Chip select
Register select
(H: control L:index/status)
For 80 series write signal
For 80 series read signal
Vdd
DB7-0
/RES
/CS
A0
/WR
/RD
Input Voltage
Supply Current
LCD Driving
Voltage
Vdd
Idd
Vlcd-Vss
Vdd = +3V
Vdd = +3V
25 C
3.0
0.2
10.5
V
mA
V
Typical
Value
Electronic Characteristics
mm
mm
mm
mm
36.3 x 38.9
30.5 x 32.0
0.199 x 0.219
0.213 x 0.233
Dimension
BO LYM IN
1. FSTN Transflective LCD, COF package
2. Built-in driver HD66750
3. 1/128 duty cycle
4. +3V single power supply
5. Temperature compensation
o
Item
Symbol Condition
Unit
15
Power supply(GND)
Vss
tape
component
16.5*6.0
hd66750s
stiffener
contact
27.25(AA)
30.5(VA)
36.3
4.53
2.9
26.0 0.2
P0.5*14=7
8.0
24.65
32.6
14.15
5.83
1.85
0.4
0.4
1.4max
0.3 0.05
0.95 max
0.199
0.213
DETAL dots
SCAL 20/1
13
WR
RD
VSS
15
14
2
D7
8
D1
/RST
D0
A0
CS
10
12
11
9
D6
D5
D3
D4
D2
5
6
7
4
3
VDD
SYMBOL
PIN NO.
1
2-Ø1.5
15
1
6. 4 Gray scale


Numéro de pièce similaire - BF128128E

FabricantNo de pièceFiches techniqueDescription
logo
Bolymin, Inc
BF128128A BOLYMIN-BF128128A Datasheet
176Kb / 1P
   FSTN Transflective LCD, COF package Built-in driver HD66750
More results

Description similaire - BF128128E

FabricantNo de pièceFiches techniqueDescription
logo
Bolymin, Inc
BF128128A BOLYMIN-BF128128A Datasheet
176Kb / 1P
   FSTN Transflective LCD, COF package Built-in driver HD66750
BF9864A BOLYMIN-BF9864A Datasheet
160Kb / 1P
   FSTN Transflective LCD, COF package Built-in driver PCF8548, serial I2C data bus
BO6464A BOLYMIN-BO6464A Datasheet
159Kb / 1P
   FSTN Transflective LCD, COG package Built-in driver PCF8548, serial I2C data bus
BO9864B BOLYMIN-BO9864B Datasheet
179Kb / 1P
   FSTN Transflective LCD, COG package Built-in driver ST7548i, serial I2C data bus
BP9632A BOLYMIN-BP9632A Datasheet
154Kb / 1P
   FSTN Transflective LCD, TAB IC, TCP package Built-in controller SED1530Taa
BP9632B BOLYMIN-BP9632B Datasheet
391Kb / 1P
   FSTN Transflective LCD, TAB IC, TCP package
BP160160B BOLYMIN-BP160160B Datasheet
155Kb / 1P
   FSTN LCD, TAB IC, TCP package Built-in controller SED1335
BP240160B BOLYMIN-BP240160B Datasheet
188Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
BP320240E BOLYMIN-BP320240E Datasheet
84Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
BP320240G BOLYMIN-BP320240G Datasheet
218Kb / 1P
   FSTN LCD, TAB IC and PCB package LCD driver only
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com