Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA15B-SR-W69S Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LA15B-SR-W69S
Description  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA15B-SR-W69S Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA15B-SR-W69S Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA15B-SR-W69S Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA15B-SR-W69S Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA15B-SR-W69S Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA15B-SR-W69S Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA15B-SR-W69S Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 1/5
PART NO. LA15B/SR-W69S
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LSR3133-PF
4.75
25.0MIN
1.0MIN
2.54TYP
+
-
0.5
TYP
7.65
1.5MAX
11.3
6.0
150
±20
4.5
0.8
14.0
5.08
3.0
±0.5
RED WIRE
BLACK WIRE


Numéro de pièce similaire - LA15B-SR-W69S

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA15B-DBK-PF LIGITEK-LA15B-DBK-PF Datasheet
107Kb / 6P
   LED ARRAY
LA15B-G-1-PF LIGITEK-LA15B-G-1-PF Datasheet
106Kb / 6P
   LED ARRAY
LA15B-GHV5-W37 LIGITEK-LA15B-GHV5-W37 Datasheet
104Kb / 5P
   LED ARRAY
LA15B-H-W23-1 LIGITEK-LA15B-H-W23-1 Datasheet
104Kb / 6P
   LED ARRAY
LA15B-Y-W43 LIGITEK-LA15B-Y-W43 Datasheet
106Kb / 6P
   LED ARRAY
More results

Description similaire - LA15B-SR-W69S

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com