Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA10B-7G3A-1 Fiches technique(PDF) 5 Page - LIGITEK electronics co., ltd.

No de pièce LA10B-7G3A-1
Description  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA10B-7G3A-1 Fiches technique(HTML) 5 Page - LIGITEK electronics co., ltd.

  LA10B-7G3A-1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA10B-7G3A-1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA10B-7G3A-1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA10B-7G3A-1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA10B-7G3A-1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA10B-7G3A-1 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3.0
2.5
1.5
1.0
0.5
0.0
2.0
Fig.4 Relative Intensity vs. Temperature
1.0
550
Wavelength (nm)
500
0.0
0.5
600
650
700
Ambient Temperature()
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
-40
0.8
-20
1.0
0.9
1.1
1.2
40
20
060
100
80
Ambient Temperature()
-40
-20
020
60
40
100
80
3.0
2.5
2.0
1.5
1.0
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Typical Electro-Optical Characteristics Curve
2.0
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
100
1.0
0.1
10
1.0
Y-A CHIP
1000
3.0
4.0
5.0
4/5
Page
Forward Current(mA)
1.0
10
100
1000
PART NO. LA10B/7G3A-1


Numéro de pièce similaire - LA10B-7G3A-1

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA10B-12G LIGITEK-LA10B-12G Datasheet
68Kb / 5P
   LED ARRAY
LA10B-12G-PF LIGITEK-LA10B-12G-PF Datasheet
109Kb / 6P
   LED ARRAY
LA10B-2H3Y5G-1 LIGITEK-LA10B-2H3Y5G-1 Datasheet
150Kb / 7P
   LED ARRAY
LA10B-4Y3E-1 LIGITEK-LA10B-4Y3E-1 Datasheet
116Kb / 6P
   LED ARRAY
More results

Description similaire - LA10B-7G3A-1

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com