Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSRS065V0-G Fiches technique(PDF) 4 Page - Comchip Technology

No de pièce CSRS065V0-G
Description  ESD Protection Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSRS065V0-G Fiches technique(HTML) 4 Page - Comchip Technology

  CSRS065V0-G Datasheet HTML 1Page - Comchip Technology CSRS065V0-G Datasheet HTML 2Page - Comchip Technology CSRS065V0-G Datasheet HTML 3Page - Comchip Technology CSRS065V0-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
Comchip Technology CO., LTD.
Suggested PAD Layout
Standard Package
Case Type
Qty per Reel
(Pcs)
3000
SOT-23-6
Reel Size
(inch)
7
SOT-143
SOIC-8
3000
2500
7
13
SIZE
(inch)
(mm)
SOT-23-6
E
A
B
C
D
(inch)
0.028
(mm)
0.70
1.40
2.41
0.055
0.095
SOT-143
0.80
0.031
3.60
0.142
(inch)
0.094
(mm)
2.40
0.70
1.27
0.028
0.050
SOIC-8
2.50
0.098
7.30
0.287
E
B
A
D
C
REV:B
0.043
1.10
0.60
0.95
0.024
0.037
2.50
0.098
3.60
0.142
ESD Protection Array
QW-BP013
B
D
A
E
C
(min)
A
D
C
B
E


Numéro de pièce similaire - CSRS065V0-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G Datasheet
108Kb / 4P
   ESD Protection Array
CSRS065V0-G COMCHIP-CSRS065V0-G_12 Datasheet
108Kb / 4P
   ESD Protection Array
More results

Description similaire - CSRS065V0-G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
   ESD Protection Array
TESDF5V0AU TSC-TESDF5V0AU_15 Datasheet
264Kb / 5P
   ESD Protection Array
logo
NXP Semiconductors
PESD5V2S18U NXP-PESD5V2S18U Datasheet
147Kb / 8P
   ESD protection array
2003 Apr 28
PESD5V2S18U PHILIPS-PESD5V2S18U Datasheet
86Kb / 8P
   ESD protection array
2003 Apr 28
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G_12 Datasheet
108Kb / 4P
   ESD Protection Array
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
   Integrated ESD Protection array
logo
Jinan Jing Heng Electro...
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
   ESD Protection Diode Array
logo
Vishay Siliconix
GMF05C VISHAY-GMF05C Datasheet
142Kb / 4P
   ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4_15 Datasheet
99Kb / 3P
   Integrated ESD Protection Array
logo
Jinan Jing Heng Electro...
ESDT23A5V02V JINGHENG-ESDT23A5V02V Datasheet
489Kb / 4P
   ESD Protection Diode Array
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com