Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBV6-00340TI-G Fiches technique(PDF) 3 Page - Comchip Technology

No de pièce CDBV6-00340TI-G
Description  SMD Schottky Barrier Diode Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV6-00340TI-G Fiches technique(HTML) 3 Page - Comchip Technology

  CDBV6-00340TI-G Datasheet HTML 1Page - Comchip Technology CDBV6-00340TI-G Datasheet HTML 2Page - Comchip Technology CDBV6-00340TI-G Datasheet HTML 3Page - Comchip Technology CDBV6-00340TI-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Index hole
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
d
E
F
B
W
A
P
P0
P1
D1
D2
D
W1
T
C
Direction of Feed
B
C
d
D
D2
D1
SOT-363
SYMBOL
A
Reel Taping Specification
(mm)
(inch)
1.969 MIN.
2.20 ± 0.10
2.40 ± 0.10
4.00 ± 0.10
1.55 ± 0.10
3.50 ± 0.05
1.75 ± 0.10
50.0 MIN.
13.0 ± 0.20
1.35 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
8.00 ± 0.30
14.4 MAX.
178 ± 1
0.094 ± 0.004
0.087 ± 0.004
0.053 ± 0.004
0.061 ± 0.004
7.008 ± 0.040
0.512 ± 0.008
SOT-363
SYMBOL
(mm)
(inch)
0.315 0.012
±
0.138 ± 0.002
0.069 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.567 MAX
E
F
P
P0
P1
W
W1
SMD Diodes Specialist
SMD Schottky Barrier Diode Arrays
Page 3
QW-BA017
REV:B


Numéro de pièce similaire - CDBV6-00340TI-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBV6-54 COMCHIP-CDBV6-54 Datasheet
80Kb / 2P
   SMD Schottky Barrier Diode Arrays
CDBV6-54AD COMCHIP-CDBV6-54AD Datasheet
80Kb / 2P
   SMD Schottky Barrier Diode Arrays
CDBV6-54AD-G COMCHIP-CDBV6-54AD-G Datasheet
80Kb / 2P
   SMD Schottky Barrier Diode Arrays
CDBV6-54BR COMCHIP-CDBV6-54BR Datasheet
80Kb / 2P
   SMD Schottky Barrier Diode Arrays
CDBV6-54BR-G COMCHIP-CDBV6-54BR-G Datasheet
80Kb / 2P
   SMD Schottky Barrier Diode Arrays
More results

Description similaire - CDBV6-00340TI-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBV6-54 COMCHIP-CDBV6-54 Datasheet
80Kb / 2P
   SMD Schottky Barrier Diode Arrays
CDBV6-54T COMCHIP-CDBV6-54T_12 Datasheet
76Kb / 2P
   SMD Schottky Barrier Diode Arrays
logo
First Silicon Co., Ltd
FDR54BRW FS-FDR54BRW Datasheet
575Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
logo
Jiangsu Changjiang Elec...
BAS70BRW JIANGSU-BAS70BRW Datasheet
4Mb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
logo
Rectron Semiconductor
BAT54ADW RECTRON-BAT54ADW Datasheet
156Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
2021-04/01 REV: O
logo
Jiangsu Changjiang Elec...
BAT54ADW JIANGSU-BAT54ADW Datasheet
843Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
BAS70TW DIODES-BAS70TW_15 Datasheet
143Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
BAT40VC DIODES-BAT40VC_15 Datasheet
93Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
BAT40V DIODES-BAT40V Datasheet
87Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30533 Rev. 4 - 2
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com